Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0010A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TL0010A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TL0010A
Download  TL0010A Download
File Size   188.66 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Multi-layer Filter 2450 MHz

TL0010A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL0010A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TL0010A
Download  TL0010A Click to download

File Size   188.66 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Multi-layer Filter 2450 MHz

TL0010A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TL0010A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TL0011A TAI-SAW-TL0011A Datasheet
295Kb / 6P
LTCC Filter 5410 MHz SMD2.0x1.25 mm (1020MHz BW)
TL0015A TAI-SAW-TL0015A Datasheet
305Kb / 5P
Tx Low Pass Filter 699~960 MHz SMD 1.6X0.8 mm
TL0016A TAI-SAW-TL0016A Datasheet
266Kb / 5P
Tx Low Pass Filter 1710~1990 MHz SMD 1.6X0.8 mm
TL0017A TAI-SAW-TL0017A Datasheet
364Kb / 6P
LTCC Filter Low Pass 2450 MHz ,High Pass 5500 MHz
TL0017B TAI-SAW-TL0017B Datasheet
552Kb / 7P
2450 MHz BW 100MHz / 5500 MHz BW 700MHz SMD 1.6X0.8 mm (Multilayer Diplexer filter)
More results


Similar Description - TL0010A

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
2450BP14D0100 JOHANSON-2450BP14D0100 Datasheet
126Kb / 2P
2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
2450 MHz Band Pass Filter
2450BP15C100 JOHANSON-2450BP15C100 Datasheet
152Kb / 2P
2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
2450 MHz Band Pass Filter
2450BP07A0100T JOHANSON-2450BP07A0100T Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
2450BP18D100AE JOHANSON-2450BP18D100AE Datasheet
125Kb / 1P
2450 MHz Band Pass Filter
2450BP18D100A JOHANSON-2450BP18D100A Datasheet
125Kb / 1P
2450 MHz Band Pass Filter
2450BP07B0100 JOHANSON-2450BP07B0100 Datasheet
223Kb / 2P
2450 MHz Band Pass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1198A TAI-SAW-TA1198A Datasheet
154Kb / 8P
SAW Filter 2450 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com