Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012F3C Datasheet (PDF) - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT2012F3C Datasheet PDF - HK TO-GRACE TECHNOLOGY CO.,LTD.
Part # APT2012F3C
Download  APT2012F3C Download
File Size   802.96 Kbytes
Page   4 Pages
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.
Description 2.0 x 1.25 mm Infrared Emitting Diode

APT2012F3C Datasheet (PDF)

Go To PDF Page Download Datasheet
APT2012F3C Datasheet PDF - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT2012F3C
Download  APT2012F3C Click to download

File Size   802.96 Kbytes
Page   4 Pages
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.
Description 2.0 x 1.25 mm Infrared Emitting Diode

APT2012F3C Datasheet (HTML) - HK TO-GRACE TECHNOLOGY CO.,LTD.


APT2012F3C Product details

DESCRIPTION
● F3 Made with Gallium Arsenide Infrared Emitting diodes

FEATURES
● 2.0 mm x 1.25 mm SMD LED, 0.75 mm thickness
● Mechanically and spectrally matched to the phototransistor
● Package: 2000 pcs / reel
● Moisture sensitivity level: 3
● RoHS compliant

APPLICATIONS
● Infrared Illumination for cameras
● Machine vision systems
● Surveillance systems
● Industrial electronics
● IR data transmission
● Remote control




Similar Part No. - APT2012F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012F3C KINGBRIGHT-APT2012F3C Datasheet
268Kb / 5P
2.0x1.25 mm INFRARED EMITTING DIODE
APT2012F3C-P22 KINGBRIGHT-APT2012F3C-P22 Datasheet
636Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT2012F3C-P22 TO-GRACE-APT2012F3C-P22 Datasheet
1,007Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
More results


Similar Description - APT2012F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SF4C-P22 KINGBRIGHT-AP2012SF4C-P22 Datasheet
645Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT2012F3C-P22 KINGBRIGHT-APT2012F3C-P22 Datasheet
636Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT2012F3C-P22 TO-GRACE-APT2012F3C-P22 Datasheet
1,007Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012SF4C TO-GRACE-APTD2012SF4C Datasheet
870Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD3216F3C-P22 TO-GRACE-APTD3216F3C-P22 Datasheet
1,000Kb / 4P
3.2 x 1.6 mm Infrared Emitting Diode
logo
Kingbright Corporation
APDA3020F3C-P22 KINGBRIGHT-APDA3020F3C-P22 Datasheet
458Kb / 4P
3.0 x 2.0 mm Infrared Emitting Diode
Rev No: V.1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com