Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

222A Datasheet (PDF) - CTS Corporation

222A Datasheet PDF - CTS Corporation
Part # 222A
Download  222A Download
File Size   919.95 Kbytes
Page   6 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 6.2 x 6.2mm Compact Tactile Switch

222A Datasheet (PDF)

Go To PDF Page Download Datasheet
222A Datasheet PDF - CTS Corporation

Part # 222A
Download  222A Click to download

File Size   919.95 Kbytes
Page   6 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 6.2 x 6.2mm Compact Tactile Switch

222A Datasheet (HTML) - CTS Corporation




Similar Part No. - 222A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
222A111 TEC-222A111 Datasheet
258Kb / 1P
Boot, 90˚, Thin Wall CAD FILE MP04055
10/27/04
222A121 TEC-222A121 Datasheet
258Kb / 1P
Boot, 90˚, Thin Wall CAD FILE MP04055
10/27/04
222A121-15-0 TEC-222A121-15-0 Datasheet
258Kb / 1P
Boot, 90˚, Thin Wall CAD FILE MP04055
10/27/04
222A132 TEC-222A132 Datasheet
258Kb / 1P
Boot, 90˚, Thin Wall CAD FILE MP04055
10/27/04
222A142 TEC-222A142 Datasheet
258Kb / 1P
Boot, 90˚, Thin Wall CAD FILE MP04055
10/27/04
More results


Similar Description - 222A

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT7 BITECH-SWT7 Datasheet
358Kb / 5P
Tactile Switches, 6.2 X 6.3 mm Low Profile, SMD RoHS Compliant
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com