Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCMS-2353 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCMS-2353 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCMS-2353
Download  HCMS-2353 Download
File Size   83.3 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CMOS Extended Temperature Range 5 x 7 Alphanumeric Display

HCMS-2353 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCMS-2353 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCMS-2353
Download  HCMS-2353 Click to download

File Size   83.3 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CMOS Extended Temperature Range 5 x 7 Alphanumeric Display

HCMS-2353 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCMS-2353 Product details

Description
This sunlight viewable 5 x 7 LED four-character display is contained in 12 pin dual-in-line packages designed for displaying alphanumeric information. The display is designed with on-board CMOS integrated circuits. Two CMOS ICs form an on-board 28-bit serial-in/parallel-out shift register with constant current output LED row drivers. Decoded column data is clocked into the on-board shift register for each refresh cycle. Full character display is achieved
with external column strobing.

Features
• On-Board low power CMOS IC
    Integrated shift register with constant current LED drivers
• Wide operating temperature range -55°C to +100°C
• Compact glass ceramic 4 character package
    Series X-Y stackable
• Sunlight viewable
• 5 x 7 LED matrix displays full ASCII set
• Character height of 5.0 mm (0.20 inch)
• Wide viewing angle
    X Axis = ±50°
    Y Axis = ±65°
• Usable in night vision lighting applications

Typical Applications
• Avionics
• Communication systems
• Fire control systems
• Radar systems




Similar Part No. - HCMS-2353

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results


Similar Description - HCMS-2353

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N58 ETC-4N58 Datasheet
149Kb / 4P
5 x 7 Alphanumeric Display With Logic
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-235X AVAGO-HCMS-235X Datasheet
141Kb / 6P
CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
EUROQUARTZ limited
EM57T-KHZ EUROQUARTZ-EM57T-KHZ Datasheet
147Kb / 1P
CMOS 7 x 5 x 2.5mm SMD, kHz Range
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com