Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-253 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-253 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-253
Download  HDSP-253 Download
File Size   201.62 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Eight Character 5 mm Smart Alphanumeric Display

HDSP-253 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-253 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-253
Download  HDSP-253 Click to download

File Size   201.62 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Eight Character 5 mm Smart Alphanumeric Display

HDSP-253 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-253 Product details

Description
The HDSP-253x is ideal for applications where displaying eight or more characters of dot matrix information in an aesthetically pleasing manner is required. These devices are eightdigit, 5 x 7 dot matrix, alphanumeric displays. The 5.0 mm (0.2 inch) high characters are packaged in a 0.300 inch (7.62 mm) 30 pin DIP. The on-board CMOS IC has the ability to decode 128 ASCII characters, which are permanently stored in ROM. In addition, 16 programmable symbols may be stored in onboard RAM. Seven brightness levels provide versatility in Device Selection Guide AlGaAs Red HER Orange Yellow Green HDSP-2534 HDSP-2532 HDSP-2530 HDSP-2531 HDSP-2533 adjusting the display intensity and power consumption. The HDSP-253x is designed for standard microprocessor interface techniques. The display and special features are accessed through a bidirectional eight-bit data bus.

Features
• XY Stackable
• 128 Character ASCII Decoder
• Programmable Functions
• 16 User Definable Characters
• Multi-Level Dimming and Blanking
• TTL Compatible CMOS IC
• Wave Solderable

Applications
• Avionics
• Computer Peripherals
• Industrial Instrumentation
• Medical Equipment
• Portable Data Entry Devices
• Telecommunications
• Test Equipment




Similar Part No. - HDSP-253

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2530 HP-HDSP-2530 Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2530 AVAGO-HDSP-2530 Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-2531 HP-HDSP-2531 Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2531 AVAGO-HDSP-2531 Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-2532 HP-HDSP-2532 Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
More results


Similar Description - HDSP-253

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
Eight Character 5-mm Smart Alphanumeric Display
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com