Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6563 Datasheet (PDF) - Sanyo Semicon Device

LA6563 Datasheet PDF - Sanyo Semicon Device
Part # LA6563
Download  LA6563 Download
File Size   321.81 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4CH Bridge (BTL) Driver for CD

LA6563 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6563 Datasheet PDF - Sanyo Semicon Device

Part # LA6563
Download  LA6563 Click to download

File Size   321.81 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4CH Bridge (BTL) Driver for CD

LA6563 Datasheet (HTML) - Sanyo Semicon Device


LA6563 Product details

Overview
The LA6563 is a 4CH bridge (BTL) driver for CD players.

Features
• Built-in bridge connection (BTL) POWER AMP 4CH
• IO max 1A
• MUTE circuit (main power is ON/OFF) with 3 systems
• Built-in STBY circuit (all circuits are OFF)
• Provides bias voltage (VREF) switching function (Select external or internal reference voltage.
    Internal reference voltage is 2.5V: TYP.)
• Output voltage (dynamic range) is high. (6V: TYP)




Similar Part No. - LA6563

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
Five-Channel Driver
LA6564H SANYO-LA6564H Datasheet
431Kb / 8P
4CH Bridge (BTL) Driver for CD-R
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
Five-Channel CD Actuator Driver
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
More results


Similar Description - LA6563

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
BTL driver for CD/CD-ROM
BA5917AFP ROHM-BA5917AFP Datasheet
86Kb / 7P
CD 4ch BTL
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
4-Channel Bridge (BTL) Driver for CD-ROM
LA6564H SANYO-LA6564H Datasheet
431Kb / 8P
4CH Bridge (BTL) Driver for CD-R
logo
KEC(Korea Electronics)
KIA6831HF KEC-KIA6831HF Datasheet
165Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4CH BTL DRIVER FOR CD PLAYERS)
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
4ch BTL driver for CD player
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
4ch BTL driver for CD player
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com