Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8316 Datasheet (PDF) - PMC-Sierra, Inc

PM8316 Datasheet PDF - PMC-Sierra, Inc
Part # PM8316
Download  PM8316 Download
File Size   59.08 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description High Density 84-Channel T1/E1/J1 Framer with Integrated VT/TU Mappers and M13

PM8316 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8316 Datasheet PDF - PMC-Sierra, Inc

Part # PM8316
Download  PM8316 Click to download

File Size   59.08 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description High Density 84-Channel T1/E1/J1 Framer with Integrated VT/TU Mappers and M13

PM8316 Datasheet (HTML) - PMC-Sierra, Inc


PM8316 Product details

FEATURES

The PM8316 TEMUX-84 is a 155 Mbit/s multi-channel T1/E1 Framer with integrated VT/TU Mappers and M13 Multiplexers.

• This monolithic device integrates:

   • 84 T1 framers

   • 63 E1 framers

   • Three SONET/SDH VT1.5/VT2/TU11/TU12 bit asynchronous or byte synchronous mappers

   • Three full featured M13 multiplexers with DS3 framers

   • Three SONET/SDH DS3 mappers for terminating DS3 multiplexed T1 streams, SONET/SDH mapped T1 streams or SONET/SDH mapped E1 streams

• Each SPE/STS-1 can be independently programmed for various T1, E1 or DS3 modes of operation.

• Supports wide range of T1, E1 and J1 framing formats.

• Supports M23 and C-bit parity DS3 formats.

• Stand-alone unchannelized E3 framer mode (ITU-T Rec. G.751 or G.832) for access to the entire E3 payload.

• Flexible line side and system side interface support :

   • Provides a 19.44 or 77.76 MHz SONET/SDH Add/Drop Telecom bus interface for seamless connection with PMC’s SONET/SDH devices.

   • Supports a byte serial Scaleable Bandwidth Interconnect (SBI™) bus interface at either 19.44 MHz or 77.76 MHz for high density system side device interconnection to PMC’s link layer products.

   • Supports 8 Mbit/s H-MVIP on the system interface for all T1 or E1 links, a separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CAS channels and a separate 8 Mbit/s H-MVIP system interface for all T1 or E1 CCS and V5.1/V5.2 channels.

   • Support for transparent virtual tributaries when SBI interface is used with SONET/SDH mapper.

   • Supports insertion and extraction of arbitrary rate (eg. fractional DS3) data streams to/from the SBI bus interface.

• Provides jitter attenuation in the T1/E1 tributary receive and transmit directions.

• Provides three independent de-jittered T1 or E1 recovered clocks for system timing and redundancy.

• Provides per link diagnostic and line loopbacks.

• Provides PRBS generators and detectors at DS3 and E3 rates and on each tributary for error testing at T1, E1 and NxDS0 rates as recommended in ITU-T O.151, 0.152.

• Feature-rich functional software drivers available with device.

• Provides a generic 8-bit microprocessor bus interface for configuration, control and status monitoring.

• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.



APPLICATIONS

• High density T1/E1 interfaces for multiplexers, multi-service switches, routers and digital modems.

• Channelized and Unchannelized DS3 Frame Relay Interfaces.

• Optical Access Equipment

• SONET/SDH Add Drop and Terminal Multiplexers.

• M13 Multiplexer/Demultiplexer Equipment.

• Digital Access Cross-Connect Systems




Similar Part No. - PM8316

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
ML Accessories Limited....
PM8310N KNIGHTSBRIDGE-PM8310N Datasheet
154Kb / 1P
50A DP Pull Cord Switch with Neon and Mechanical On/Off [Part M Compliant]
28/03/2024
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
PM8312TEMUX32 PMC-PM8312TEMUX32 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
More results


Similar Description - PM8316

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM5366 PMC-PM5366 Datasheet
2Mb / 267P
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
2Mb / 2P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
High Density T1/E1 Framer with Integrated M13 Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com