Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMN6G Datasheet (PDF) - STMicroelectronics

M95640-RMN6G Datasheet PDF - STMicroelectronics
Part # M95640-RMN6G
Download  M95640-RMN6G Download
File Size   768.47 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock

M95640-RMN6G Datasheet (PDF)

Go To PDF Page Download Datasheet
M95640-RMN6G Datasheet PDF - STMicroelectronics

Part # M95640-RMN6G
Download  M95640-RMN6G Click to download

File Size   768.47 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock

M95640-RMN6G Datasheet (HTML) - STMicroelectronics


M95640-RMN6G Product details

FEATURES SUMMARY

■ Compatible with SPI Bus Serial Interface (Positive Clock SPI Modes)

■ Single Supply Voltage:

– 4.5 to 5.5V for M95320 and M95640

– 2.5 to 5.5V for M95320-W and M95320-W

– 1.8 to 5.5V for M95320-R and M95640-R

– 1.65 to 5.5V for M95320-S and M95640-S

■ 20MHz, 10MHz, 5MHz or 2MHz clock rates

■ 5ms or 10ms Write Time

■ Status Register

■ Hardware Protection of the Status Register

■ BYTE and PAGE WRITE (up to 32 Bytes)

■ Self-Timed Programming Cycle

■ Adjustable Size Read-Only EEPROM Area

■ Enhanced ESD Protection

■ More than 100000 or 1 million Erase/Write Cycles (depending on ordering options)

■ More than 40-Year Data Retention




Similar Part No. - M95640-RMN6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95640-RMN6G STMICROELECTRONICS-M95640-RMN6G Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95640-RMN6G STMICROELECTRONICS-M95640-RMN6G Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
More results


Similar Description - M95640-RMN6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
394Kb / 26P
64Kbit and 32Kbit Serial I²C Bus EEPROM
05-Jan-2005
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95320 STMICROELECTRONICS-M95320 Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
M95320 STMICROELECTRONICS-M95320_08 Datasheet
398Kb / 46P
32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock
23-Jun-2008
M95320 STMICROELECTRONICS-M95320_09 Datasheet
388Kb / 44P
32 Kbit serial SPI bus EEPROMs with high-speed clock
07-Dec-2009
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
32Kbit and 64Kbit Serial IC bus EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com