Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87251G2D Datasheet (PDF) - ATMEL Corporation

AT87251G2D Datasheet PDF - ATMEL Corporation
Part # AT87251G2D
Download  AT87251G2D Download
File Size   1175.72 Kbytes
Page   76 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES

AT87251G2D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT87251G2D Datasheet PDF - ATMEL Corporation

Part # AT87251G2D
Download  AT87251G2D Click to download

File Size   1175.72 Kbytes
Page   76 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES

AT87251G2D Datasheet (HTML) - ATMEL Corporation


AT87251G2D Product details

Description
The TSC80251G2D products are derivatives of the Atmel Microcontroller family based on the 8/16-bit C251 Architecture. This family of products is tailored to 8/16-bit microcontroller applications requiring an increased instruction throughput, a reduced operating frequency or a larger addressable memory space. The architecture can provide a significant code size reduction when compiling C programs while fully preserving the legacy of C51 assembly routines.

Features
• Pin and Software Compatibility with Standard 80C51 Products and 80C51Fx/Rx/Rx+
• Plug-In Replacement of Intel’s 8xC251Sx
• C251 Core: Intel’s MCS®251 D-step Compliance
• 40-byte Register File
• Registers Accessible as Bytes, Words or Dwords
• Three-stage Instruction Pipeline
• 16-bit Internal Code Fetch
• Enriched C51 Instruction Set
• 16-bit and 32-bit ALU
• Compare and Conditional Jump Instructions
• Expanded Set of Move Instructions
• Linear Addressing
• 1 Kbyte of On-Chip RAM
• External Memory Space (Code/Data) Programmable from 64 kilobytes to 256 kilobytes
• TSC87251G2D: 32 kilobytes of On-Chip EPROM/OTPROM
    – SINGLE PULSE Programming Algorithm
• TSC83251G1D: 16 kilobytes of On-Chip Masked ROM
• TSC83251G1D: 32 kilobytes of On-Chip Masked ROM
• TSC80251G1D: ROMless Version
• Four 8-bit Parallel I/O Ports (Ports 0, 1, 2 and 3 of the Standard 80C51)
• Serial I/O Port: Full Duplex UART (80C51 Compatible) With Independent Baud Rate Generator
• SSLC: Synchronous Serial Link Controller
• TWI Multi-master Protocol
• μWire and SPI Master and Slave Protocols
• Three 16-bit Timers/Counters (Timers 0, 1 and 2 of the Standard 80C51)
• EWC: Event and Waveform Controller
• Compatible with Intel’s Programmable Counter Array (PCA)
• Common 16-bit Timer/Counter Reference with Four Possible Clock Sources (Fosc/4, Fosc/12, Timer 1 and External Input)
• Five Modules, Each with Four Programmable Modes:
    – 16-bit Software Timer/Counter
    – 16-bit Timer/Counter Capture Input and Software Pulse Measurement
    – High-speed Output and 16-bit Software Pulse Width Modulation (PWM)
    – 8-bit Hardware PWM Without Overhead
• 16-bit Watchdog Timer/Counter Capability
• Secure 14-bit Hardware Watchdog Timer
• Power Management
• Power-On Reset (Integrated on the Chip)
• Power-Off Flag (Cold and Warm Resets)
• Software Programmable System Clock
• Idle Mode
• Power-down Mode
• Keyboard Interrupt Interface on Port 1
• Non Maskable Interrupt Input (NMI)
• Real-Time Wait States Inputs (WAIT#/AWAIT#)
• ONCE Mode and Full Speed Real-time In-circuit Emulation Support (Third Party Vendors)
• High Speed Versions:
    – 4.5V to 5.5V
    – 16 MHz and 24 MHz
• Typical Operating Current: 35 mA at 24 MHz 24 mA at 16 MHz
• Typical Power-down Current: 2 μA
• Low Voltage Version:
    – 2.7V to 5.5V
    – 16 MHz
• Typical Operating Current:11 mA at 3V
• Typical Power-down Current: 1 μA
• Temperature Ranges: Commercial (0°C to +70°C), Industrial (-40°C to +85°C)
• Option: Extended Range (-55°C to +125°C)
• Packages: PDIL 40, PLCC 44 and VQFP 44, CDIL 40 and CQPJ 44 with Window
• Options: Known Good Dice and Ceramic Packages

Typical Applications
• ISDN Terminals
• High-Speed Modems
• PABX (SOHO)
• Line Cards
• DVD ROM and Players
• Printers
• Plotters
• Scanners
• Banking Machines
• Barcode Readers
• Smart Cards Readers
• High-End Digital Monitors
• High-End Joysticks
• High-end TV’s




Similar Part No. - AT87251G2D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87251G2D ATMEL-AT87251G2D Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
Registers Accessible as Bytes, Words or Dwords
More results


Similar Description - AT87251G2D

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
Extended 8-bit Microcontroller with Analog Interfaces
logo
STMicroelectronics
ST7LITE49K2 STMICROELECTRONICS-ST7LITE49K2 Datasheet
3Mb / 245P
Communication interfaces
12-Aug-2016
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com