Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C152JB Datasheet (PDF) - Intel Corporation

80C152JB Datasheet PDF - Intel Corporation
Part # 80C152JB
Download  80C152JB Download
File Size   262.71 Kbytes
Page   17 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER

80C152JB Datasheet (PDF)

Go To PDF Page Download Datasheet
80C152JB Datasheet PDF - Intel Corporation

Part # 80C152JB
Download  80C152JB Click to download

File Size   262.71 Kbytes
Page   17 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER

80C152JB Datasheet (HTML) - Intel Corporation


80C152JB Product details

UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER

The 80C152, which is based on the MCSÉ-51 CPU, is a highly integrated single-chip 8-bit microcontroller designed for cost-sensitive, high-speed, serial communications. It is well suited for implementing Integrated Services Digital Networks (ISDN), emerging Local Area Networks, and user defined serial backplane applications. In addition to the multi-protocol communication capability, the 80C152 offers traditional microcontroller features for peripheral I/O interface and control.

■ 8K Factory Mask Programmable ROM Available
■ Superset of 80C51 Architecture
■ Multi-Protocol Serial Communication I/O Port (2.048 Mbps/2.4 Mbps Max)
   — SDLC/HDLC Only
   — CSMA/CD and SDLC/HDLC
   — User Definable Protocols
■ Full Duplex/Half Duplex
■ MCSÉ-51 Compatible UART
■ 16.5 MHz Maximum Clock Frequency
■ Multiple Power Conservation Modes
■ 64KB Program Memory Addressing
■ 64KB Data Memory Addressing
■ 256 Bytes On-Chip RAM
■ Dual On-Chip DMA Channels
■ Hold/Hold Acknowledge
■ Two General Purpose Timer/Counters
■ 5 or 7 I/O Ports
■ 56 Special Function Registers
■ 11 Interrupt Sources
■ Available in 48 Pin Dual-in-Line Package and 68 Pin Surface Mount PLCC Package




Similar Part No. - 80C152JB

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
80C15 TEKTRONIX-80C15 Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
logo
Intel Corporation
80C151SB INTEL-80C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
TEMIC Semiconductors
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results


Similar Description - 80C152JB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
8044AH INTEL-8044AH Datasheet
1Mb / 26P
HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
NXP Semiconductors
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
NXP Semiconductors
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com