Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD60223FP Datasheet (PDF) - Rohm

BD60223FP Datasheet PDF - Rohm
Part # BD60223FP
Download  BD60223FP Download
File Size   2423.49 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 36V Stepping Motor Driver

BD60223FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BD60223FP Datasheet PDF - Rohm

Part # BD60223FP
Download  BD60223FP Click to download

File Size   2423.49 Kbytes
Page   29 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 36V Stepping Motor Driver

BD60223FP Datasheet (HTML) - Rohm




Similar Part No. - BD60223FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
36V 2ch DC Brush Motor Driver
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
Power supply for CCD camera of mobile phone
BD60210FV ROHM-BD60210FV Datasheet
1Mb / 21P
20 V Output Current 1 A (Continuous) 2 ch Brush Motor Driver
22.Nov.2024 Rev.001
BD60210FV-E2 ROHM-BD60210FV-E2 Datasheet
1Mb / 21P
20 V Output Current 1 A (Continuous) 2 ch Brush Motor Driver
22.Nov.2024 Rev.001
BD6023AGU ROHM-BD6023AGU Datasheet
392Kb / 6P
Power supply for CCD camera/White LED driver/RGB LED driver of mobile phone
More results


Similar Description - BD60223FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
Standard 36V Stepping Motor Driver
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
Standard 36V Stepping Motor Driver
BD63610AEFV ROHM-BD63610AEFV Datasheet
1Mb / 25P
36V Stepping Motor Driver
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
36V Stepping Motor Driver
BD63888AEKV ROHM-BD63888AEKV Datasheet
1Mb / 28P
36V 2ch Stepping Motor Driver
BD63888MUV ROHM-BD63888MUV Datasheet
1Mb / 28P
36V 2ch Stepping Motor Driver
BD68888AEKV ROHM-BD68888AEKV Datasheet
1Mb / 24P
36V 2ch Stepping Motor Driver
BD68888MUV ROHM-BD68888MUV Datasheet
1Mb / 23P
36V 2ch Stepping Motor Driver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com