Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8240 Datasheet (PDF) - ATMEL Corporation

PC8240 Datasheet PDF - ATMEL Corporation
Part # PC8240
Download  PC8240 Download
File Size   421.79 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Processor Family

PC8240 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC8240 Datasheet PDF - ATMEL Corporation

Part # PC8240
Download  PC8240 Click to download

File Size   421.79 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Integrated Processor Family

PC8240 Datasheet (HTML) - ATMEL Corporation


PC8240 Product details

Description

The PC8240 combines a PowerPC™ 603e core microprocessor with a PCI bridge. The PC8240’s PCI support will allow system designers to rapidly design systems using peripherals already designed for PCI and the other standard interfaces. The PC8240 also integrates a high performance memory controller which supports various types of DRAM and ROM. The PC8240 is the first of a family of products that provides system level support for industry standard inter faces with a PowerPC microprocessor core.



Features

• 6.6 SPEC int 95, 5.5 SPECfp95 at 266 MHz (Estimated)

• Superscalar 603e Core

• Integer Unit (IU), Floating-Point Unit (FPU) (User Enabled or Disabled), Load/Store Unit

(LSU), System Register Unit (SRU), and a Branch Processing Unit (BPU)

• 16-Kbyte Instruction Cache

• 16-Kbyte Data Cache

• Lockable L1 Caches - Entire Cache or on a Per-way Basis up to 3 of 4 Ways

• Dynamic Power Management

• High-bandwidth Bus (32/64 bits Data Bus) to DRAM

• Supports 1-Mbyte to 1-Gbyte DRAM Memory

• 32-bit PCI Interface Operating up to 66 MHz

• PCI 2.1-compliant, 5.0V Tolerance

• Fint Max = 200 MHz

• FBus Max = 66 MHz




Similar Part No. - PC8240

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - PC8240

ManufacturerPart #DatasheetDescription
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
Integrated Processor Family
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
Family Radio Processor
logo
Freescale Semiconductor...
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321VRADDC FREESCALE-MPC8321VRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com