Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9221 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9221 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM9221
Download  HM9221 Download
File Size   591.87 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 6 A boost DC-DC

HM9221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM9221 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9221
Download  HM9221 Click to download

File Size   591.87 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 6 A boost DC-DC

HM9221 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM9221 Product details

DESCRIPTION
HM9221 is a high-efficiency, high-current fixed-frequency PWM current Type DC-DC boost chip. The built-in power MOS tube of HM9221 provides a maximum input current of 6A, Meet the needs of large current loads. The external soft start pin of HM9221, The soft start time of the chip can be easily adjusted to reduce the system startup time The impact current of the time. External compensation pins can optimize the loop of the chip In response, reduce the output ripple of the chip when the load fluctuates. HM9221 complete open circuit protection function, short circuit protection function, protection The chip will not be damaged under abnormal conditions, which improves the reliability of the system. HM9221 provides ESOP8 package with enhanced heat dissipation

FEATURES
● Up to 90% efficiency
● Wide working voltage: 3.0V to 7V
● Input peak current: 6A
● 500KHz fixed working frequency
● Soft start function
● Open circuit protection and short circuit protection function
● Shutdown current is less than 1uA
● UVLO

APPLICATION
● Card speaker / USB speaker
● Bluetooth speaker
● Power bank




Similar Part No. - HM9221

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9220 HMSEMI-HM9220 Datasheet
3Mb / 13P
built-in MOS, Y, 9A converter
HM9225 HMSEMI-HM9225 Datasheet
1Mb / 8P
1.2MHz, Peak 5.5A Current, Boos t Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
HM9227 HMSEMI-HM9227 Datasheet
2Mb / 8P
HM9227
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
3.3V~5V Input 24W Output Step-up DC/DC Converter
More results


Similar Description - HM9221

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
PFM boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com