Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP435SA Datasheet (PDF) - Anachip Corp

AP435SA Datasheet PDF - Anachip Corp
Part # AP435SA
Download  AP435SA Download
File Size   156.97 Kbytes
Page   5 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Dual Linear Controller With Shutdown

AP435SA Datasheet (PDF)

Go To PDF Page Download Datasheet
AP435SA Datasheet PDF - Anachip Corp

Part # AP435SA
Download  AP435SA Click to download

File Size   156.97 Kbytes
Page   5 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Dual Linear Controller With Shutdown

AP435SA Datasheet (HTML) - Anachip Corp


AP435SA Product details

General Descriptions

The AP435/435L is a linear controller IC with Shutdown function, wired to a 1.25V fixed Voltage Reference. This device is offering space and cost saving in many applications like power supply

management or data acquisition systems.



Features

-Power shutdown (SD) control

-Fixed output voltage reference 1.25V

-Voltage precision: 

AP435L: 1.25 +0.4%

AP435 : 1.25 +1%

-Wide power supply range: 3 to 32V

-Sourcing current capability: 1 to 200mA

-Typical output impedance: 0.2Ω




Similar Part No. - AP435SA

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP43 JUNIPER-AP43 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
AP43 JUNIPER-AP43 Datasheet
619Kb / 6P
AP43 ACCESS POINT DATASHEET
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300AM-A BCDSEMI-AP4300AM-A Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
More results


Similar Description - AP435SA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
Semtech Corporation
SC1538 SEMTECH-SC1538 Datasheet
65Kb / 4P
DUAL LINEAR CONTROLLER
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
600mA Low Dropout Linear Regulator with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com