Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

832-00635F Datasheet (PDF) - E&E Magnetic Products Limited

832-00635F Datasheet PDF - E&E Magnetic Products Limited
Part # 832-00635F
Download  832-00635F Download
File Size   52.73 Kbytes
Page   3 Pages
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited
Description PCMC, T CORE, 400UH, 10A, 2 PHASES, TH, 4 PIN

832-00635F Datasheet (PDF)

Go To PDF Page Download Datasheet
832-00635F Datasheet PDF - E&E Magnetic Products Limited

Part # 832-00635F
Download  832-00635F Click to download

File Size   52.73 Kbytes
Page   3 Pages
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited
Description PCMC, T CORE, 400UH, 10A, 2 PHASES, TH, 4 PIN

832-00635F Datasheet (HTML) - E&E Magnetic Products Limited




Similar Part No. - 832-00635F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
832-00601F EEMAGNETIC-832-00601F Datasheet
58Kb / 3P
COMMON MODE CHOKE, 2 LINE X 1 TH, 4 PIN
832-00646F EEMAGNETIC-832-00646F Datasheet
43Kb / 3P
PCMC, T CORE, 3.9mH, 2PHASES,TH, 4 PIN
832-00648F EEMAGNETIC-832-00648F Datasheet
37Kb / 3P
PCMC, UU9.8, 15mH, 2 PHASES, TH, 4 PIN
832-00657F EEMAGNETIC-832-00657F Datasheet
37Kb / 3P
CMC, FERRITE CORE, 600, 1A,2PHASES, SMD, 4PIN
832-00659F EEMAGNETIC-832-00659F Datasheet
36Kb / 3P
PCMC,T CORE,2.7mH,2 PHASES, TH, 4 PIN
More results


Similar Description - 832-00635F

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
832-00646F EEMAGNETIC-832-00646F Datasheet
43Kb / 3P
PCMC, T CORE, 3.9mH, 2PHASES,TH, 4 PIN
832-00648F EEMAGNETIC-832-00648F Datasheet
37Kb / 3P
PCMC, UU9.8, 15mH, 2 PHASES, TH, 4 PIN
832-00659F EEMAGNETIC-832-00659F Datasheet
36Kb / 3P
PCMC,T CORE,2.7mH,2 PHASES, TH, 4 PIN
832-00661F EEMAGNETIC-832-00661F Datasheet
419Kb / 3P
PCMC, UT20, 3.3mH, TH, 4 Pin
832-00668F EEMAGNETIC-832-00668F Datasheet
430Kb / 3P
PCMC, T CORE, 1.5mH, 10A, 2 PHASES, TH, 4 PIN
832-00709F EEMAGNETIC-832-00709F Datasheet
54Kb / 3P
PCMC, UU9.8, 20mH, 2 PHASES,TH, 4 PIN
835-01213F EEMAGNETIC-835-01213F Datasheet
52Kb / 3P
XFMR, RM6, TH, 4 PIN
835-01303F EEMAGNETIC-835-01303F Datasheet
78Kb / 3P
PXFM, T CORE, 750nH, TH, 8PIN
835-01304F EEMAGNETIC-835-01304F Datasheet
61Kb / 3P
PXFM, T CORE, 800nH, TH, 8PIN
833-00048 EEMAGNETIC-833-00048 Datasheet
38Kb / 3P
INDUCTOR, CURRENT SENSE, TH,2 PIN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com