Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW42 Datasheet (PDF) - ON Semiconductor

BDW42 Datasheet PDF - ON Semiconductor
Part # BDW42
Download  BDW42 Download
File Size   176.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

BDW42 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDW42 Datasheet PDF - ON Semiconductor

Part # BDW42
Download  BDW42 Click to download

File Size   176.16 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

BDW42 Datasheet (HTML) - ON Semiconductor


BDW42 Product details

Darlington Complementary Silicon Power Transistors

This series of plastic, medium−power silicon NPN and PNP Darlington transistors are designed for general purpose and low speed switching applications.

Features
• High DC Current Gain − hFE = 2500 (typ) @ IC = 5.0 Adc.
• Collector Emitter Sustaining Voltage @ 30 mAdc:
   VCEO(sus) = 80 Vdc (min) − BDW46
   100 Vdc (min) − BDW42/BDW47
• Low Collector Emitter Saturation Voltage
   VCE(sat) = 2.0 Vdc (max) @ IC = 5.0 Adc
   3.0 Vdc (max) @ IC = 10.0 Adc
• Monolithic Construction with Built−In Base Emitter Shunt resistors
• TO−220AB Compact Package
• Pb−Free Packages Are Available*




Similar Part No. - BDW42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDW42 MOTOROLA-BDW42 Datasheet
176Kb / 6P
Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
75Kb / 8P
Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW42 MOTOROLA-BDW42 Datasheet
414Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
95Kb / 7P
Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Savantic, Inc.
BDW42 SAVANTIC-BDW42 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BDW42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com