Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS40MB200 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
DS40MB200 Datasheet PDF - National Semiconductor (TI)
Part # DS40MB200
Download  DS40MB200 Download
File Size   1014.1 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis

DS40MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS40MB200 Datasheet PDF - National Semiconductor (TI)

Part # DS40MB200
Download  DS40MB200 Click to download

File Size   1014.1 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis

DS40MB200 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS40MB200 NSC-DS40MB200 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS40MB200 TI1-DS40MB200 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS40MB200SQ NSC-DS40MB200SQ Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Similar Description - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS42MB200 NSC-DS42MB200 Datasheet
1Mb / 14P
Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com