Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60V-005 Datasheet (PDF) - Shanghai Yint Electronic Co., Ltd

60V-005 Datasheet PDF - Shanghai Yint Electronic Co., Ltd
Part # 60V-005
Download  60V-005 Download
File Size   543.7 Kbytes
Page   4 Pages
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd
Description Polymer PTC Resettable 60V Series

60V-005 Datasheet (PDF)

Go To PDF Page Download Datasheet
60V-005 Datasheet PDF - Shanghai Yint Electronic Co., Ltd

Part # 60V-005
Download  60V-005 Click to download

File Size   543.7 Kbytes
Page   4 Pages
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd
Description Polymer PTC Resettable 60V Series

60V-005 Datasheet (HTML) - Shanghai Yint Electronic Co., Ltd




Similar Part No. - 60V-005

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
60V HUAAN-60V Datasheet
181Kb / 3P
60V Series
logo
List of Unclassifed Man...
60VDCKIT ETC2-60VDCKIT Datasheet
79Kb / 1P
General Accessories DC Voltage Kits
logo
Tyco Electronics
60VK6 MACOM-60VK6 Datasheet
481Kb / 4P
General Purpose RFI Power Line Filters-Ideal for High Impedance Load
60VK6 MACOM-60VK6 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
logo
TE Connectivity Ltd
60VK6 TEC-60VK6 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
More results


Similar Description - 60V-005

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
logo
Thinking Electronic Ind...
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
Polymer PTC Resettable Fuse
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
logo
Shanghai Yint Electroni...
PPTC600V YINT-PPTC600V Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
PPTC250V YINT-PPTC250V Datasheet
489Kb / 4P
Polymer PTC Resettable 250V Series
PPTC130V YINT-PPTC130V Datasheet
437Kb / 3P
Polymer PTC Resettable 130V Series
PPTC30V YINT-PPTC30V Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
PPTC16V YINT-PPTC16V Datasheet
556Kb / 4P
Polymer PTC Resettable 16V Series
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005_V01 Datasheet
366Kb / 5P
Resettable Fuse PTC 60V Series
JK60-005 HUAXINAN-JK60-005 Datasheet
367Kb / 5P
Resettable Fuse PTC 60V Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com