Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16V Datasheet (PDF) - Shanghai Yint Electronic Co., Ltd

16V Datasheet PDF - Shanghai Yint Electronic Co., Ltd
Part # 16V
Download  16V Download
File Size   556.18 Kbytes
Page   4 Pages
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd
Description Polymer PTC Resettable 16V Series

16V Datasheet (PDF)

Go To PDF Page Download Datasheet
16V Datasheet PDF - Shanghai Yint Electronic Co., Ltd

Part # 16V
Download  16V Click to download

File Size   556.18 Kbytes
Page   4 Pages
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd
Description Polymer PTC Resettable 16V Series

16V Datasheet (HTML) - Shanghai Yint Electronic Co., Ltd




Similar Part No. - 16V

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
16V HUAAN-16V Datasheet
185Kb / 3P
16V Series
logo
CONEC Elektronische Bau...
16V1IM5A CONEC-16V1IM5A Datasheet
42Kb / 1P
Dust cap for socket connector 9 - 37 pos.
1995.18.07
16V1IM7A CONEC-16V1IM7A Datasheet
79Kb / 1P
DLOCKING SCREW with accessory D-SUB 9-50pos.
1995.18.07.
16V2IM5A CONEC-16V2IM5A Datasheet
35Kb / 1P
DUST CAP for sockef connector 9 - 37pos.
2015.04.03.
logo
Lattice Semiconductor
16V8 LATTICE-16V8 Datasheet
767Kb / 26P
All Devices Discontinued
More results


Similar Description - 16V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
logo
Thinking Electronic Ind...
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
Polymer PTC Resettable Fuse
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
logo
Shanghai Yint Electroni...
PPTC600V YINT-PPTC600V Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
PPTC250V YINT-PPTC250V Datasheet
489Kb / 4P
Polymer PTC Resettable 250V Series
PPTC130V YINT-PPTC130V Datasheet
437Kb / 3P
Polymer PTC Resettable 130V Series
PPTC60V YINT-PPTC60V Datasheet
543Kb / 4P
Polymer PTC Resettable 60V Series
PPTC30V YINT-PPTC30V Datasheet
524Kb / 4P
Polymer PTC Resettable 30V Series
logo
HuaXinAn Electronics CO...
JK16-010T HUAXINAN-JK16-010T Datasheet
366Kb / 5P
Resettable Fuse PTC 16V Series
JK16010T HUAXINAN-JK16010T Datasheet
365Kb / 5P
Resettable Fuse PTC 16V Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com