Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-786J Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-786J Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-786J
Download  HCPL-786J Download
File Size   560.57 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optically Isolated Sigma-Delta Modulator

HCPL-786J Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-786J Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-786J
Download  HCPL-786J Click to download

File Size   560.57 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optically Isolated Sigma-Delta Modulator

HCPL-786J Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-786J Product details

Description

The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter. The isolated modulator allows direct measurement of motor phase currents in power inverters.



Features

• 12-bit Linearity

• 200 ns Conversion Time (PreTrigger Mode 2 with HCPL-0872)

• 12-bit Effective Resolution with 5 µs Signal Delay (14-bit with 102 µs) (with HCPL-0872)

• Fast 3 µs Over-Range Detection (with HCPL-0872)

• ± 200 mV Input Range with Single 5 V Supply

• 1% Internal Reference Voltage Matching

• Offset Calibration (with HCPL- 0872)

• -40°C to +85°C Operating Temperature Range

• 15 kV/µs Isolation Transient Immunity

• Safety Approval: UL 1577, CSA and IEC/EN/DIN EN 60747-5-2



Applications

• Motor Phase and Rail Current Sensing

• Data Acquisition Systems

• Industrial Process Control

• Inverter Current Sensing

• General Purpose Current Sensing and Monitoring



 




Similar Part No. - HCPL-786J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J-500E AVAGO-HCPL-786J-500E Datasheet
244Kb / 18P
The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results


Similar Description - HCPL-786J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com