Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2325PI Datasheet (PDF) - Ericsson

PKA2325PI Datasheet PDF - Ericsson
Part # PKA2325PI
Download  PKA2325PI Download
File Size   864.67 Kbytes
Page   20 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25-40 W DC/DC Power Modules 24 V Input Series

PKA2325PI Datasheet (PDF)

Go To PDF Page Download Datasheet
PKA2325PI Datasheet PDF - Ericsson

Part # PKA2325PI
Download  PKA2325PI Click to download

File Size   864.67 Kbytes
Page   20 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description 25-40 W DC/DC Power Modules 24 V Input Series

PKA2325PI Datasheet (HTML) - Ericsson




Similar Part No. - PKA2325PI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKA20A SPSEMI-PKA20A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA22A SPSEMI-PKA22A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA26A SPSEMI-PKA26A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
More results


Similar Description - PKA2325PI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
logo
Ericsson
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
3-7 W DC/DC Power Modules 48 V Input Series
logo
Texas Instruments
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
46-60 W DC/DC Power Modules 24 V Input Series
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
5-6 W DC/DC Power Modules Wide Input Series
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
Industrial DC to DC Converter w/24 48VDC Power Input
logo
WOLFSPEED, INC.
CGHV1F025S WOLFSPEED-CGHV1F025S Datasheet
2Mb / 11P
25 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 4.7, 2022-12-2
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com