Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR36504 Datasheet (PDF) - List of Unclassifed Manufacturers

ZR36504 Datasheet PDF - List of Unclassifed Manufacturers
Part # ZR36504
Download  ZR36504 Download
File Size   298.4 Kbytes
Page   74 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Video & Audio Interface solution via USB

ZR36504 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZR36504 Datasheet PDF - List of Unclassifed Manufacturers

Part # ZR36504
Download  ZR36504 Click to download

File Size   298.4 Kbytes
Page   74 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Video & Audio Interface solution via USB

ZR36504 Datasheet (HTML) - List of Unclassifed Manufacturers


ZR36504 Product details

[ZORAN Corporation]

ZR36504 - Full Video and Audio Interface solution for Video via USB

The ZR36504 is an ideal solution for digital camera manufacturers who want to utilize the Universal Serial Bus as an interface between the camera and the computer. Using a proprietary video compression algorithm, the ZR36504 enables a throughput of up to 30f/s for CIF size images and up to 15f/s for VGA size images, utilizing only half of total available bandwidth of the USB port. An appropriate software driver in the host computer de-compresses the incoming USB data, consuming only 25% of CPU time (@ CIF 30f/s). The resulting digital image quality is almost identical to the source coming from the camera. This monolithic feature of the ZR36504 makes it ideal to be used as a one chip solution for a very low cost USB portable Video Camera.

Features
• Up to 30 frames/sec @ CIF size (352x288 pixels)
• Up to 15 frames/sec @ VGA size (640x480 pixels)
• Connects to various YUV sources (4:4:4, 4:2:2, 16 or 8-bit bus)
• Selectable Raw/Compressed video out
• Variable Compression ratio
• Selectable USB bandwidth (0.5Mbps - 7.5Mbps in 0.5Mbps steps):
• Built-in programmable true scaler (Down Scale - horizontal and vertical)
• Built in Zoom and Pan capabilities
• Supports high resolution still image capture (640x480 pixels)
• Supports serial Digital Audio input (8K/16K samp/sec, 8-bit m-Law / 16-bit linear)
• Auxiliary simultaneous external serial Bulk-data input (0 to 2Mbit/sec).
• Selectable Data/Clock serial protocols - ideal for camera control
• Low power consumption (190mW @ 3.3V) - can use USB power source
• Direct connection to USB port
• Handles device Power Management (complies with USB standard spec.)
• Fits Intel’s MMX® concept
• Supports most popular software applications that require digital video.
• Available in 100-pin PQFP and TQFP packages




Similar Part No. - ZR36504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36505 ETC-ZR36505 Datasheet
152Kb / 28P
USBvisionTM Data Decoder
More results


Similar Description - ZR36504

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
Video-Audio Interface for LCD TV
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571_05 Datasheet
364Kb / 54P
USB Interface Audio CODEC
logo
Maxim Integrated Produc...
MAX4079 MAXIM-MAX4079 Datasheet
277Kb / 15P
Complete Audio/Video Backend Solution
Rev 1; 3/09
logo
Texas Instruments
TPD4S012 TI-TPD4S012 Datasheet
283Kb / 9P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
Audio Interface for DSC Video Driver
logo
Texas Instruments
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
ON Semiconductor
LV71081E ONSEMI-LV71081E Datasheet
376Kb / 31P
Video/Audio Signal IO Interface
July, 2013
logo
Texas Instruments
PCM2912A TI1-PCM2912A_15 Datasheet
1Mb / 34P
Audio Codec With USB Interface
logo
ON Semiconductor
FSA8039A ONSEMI-FSA8039A Datasheet
612Kb / 9P
Audio Jack Interface Solution with Moisture Sensing
June, 2018 Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com