Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB-Q Datasheet (PDF) - Bourns Electronic Solutions

P6SMB-Q Datasheet PDF - Bourns Electronic Solutions
Part # P6SMB-Q
Download  P6SMB-Q Download
File Size   576.99 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Voltage Suppressor Diode Series

P6SMB-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB-Q Datasheet PDF - Bourns Electronic Solutions

Part # P6SMB-Q
Download  P6SMB-Q Click to download

File Size   576.99 Kbytes
Page   6 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Transient Voltage Suppressor Diode Series

P6SMB-Q Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - P6SMB-Q

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6SMB-28C-29 LUGUANG-P6SMB-28C-29 Datasheet
1Mb / 3P
Transient Voltage Suppressors
logo
YAGEO Corporation
P6SMB-AT YAGEO-P6SMB-AT Datasheet
517Kb / 9P
Transient Voltage Suppressors
June 30, 2023 V.4
P6SMB-AT YAGEO-P6SMB-AT Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
P6SMB-AT YAGEO-P6SMB-AT Datasheet
649Kb / 8P
RoHS compliant & Halogen free
February 21, 2021 V.2
P6SMB-AT YAGEO-P6SMB-AT_V01 Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
More results


Similar Description - P6SMB-Q

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
Transient Voltage Suppressor Diode Series
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com