Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT138ATPC Datasheet (PDF) - Cypress Semiconductor

CY74FCT138ATPC Datasheet PDF - Cypress Semiconductor
Part # CY74FCT138ATPC
Download  CY74FCT138ATPC Download
File Size   155.88 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-of-8 Decoder

CY74FCT138ATPC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT138ATPC Datasheet PDF - Cypress Semiconductor

Part # CY74FCT138ATPC
Download  CY74FCT138ATPC Click to download

File Size   155.88 Kbytes
Page   6 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-of-8 Decoder

CY74FCT138ATPC Datasheet (HTML) - Cypress Semiconductor


CY74FCT138ATPC Product details

Functional Description
The FCT138T is a 1-of-8 decoder. The FCT138T accepts three binary weighted inputs (A0, A1, A2) and, when enabled, provides eight mutually exclusive active LOW outputs (O0–O7). The FCT138T features three enable inputs, two active LOW (E1, E2) and one active HIGH (E3).
All inputs will be HIGH unless E1 and E2 are LOW and E3 is HIGH. This multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to 32 lines) decoder with just four FCT138T devices and one inverter.
The outputs are designed with a power-off disable feature to allow for live insertion of boards.

Features
• Function, pinout, and drive compatible with FCT and F logic
• FCT-C speed at 5.0 ns max. (Com’l), FCT-A speed at 5.8 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent FCT functions
• Edge-rate control circuitry for significantly improved noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• Extended commercial range of −40°C to +85°C
• Sink current 64 mA (Com’l), 32 mA (Mil)




Similar Part No. - CY74FCT138ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT138ATQCT TI-CY74FCT138ATQCT Datasheet
79Kb / 7P
1-of-8 Decoder
CY74FCT138ATQCT TI1-CY74FCT138ATQCT Datasheet
468Kb / 12P
1-OF-8 DECODERS
CY74FCT138ATQCT TI2-CY74FCT138ATQCT Datasheet
246Kb / 12P
1-OF-8 DECODERS
REVISED OCTOBER 2001
CY74FCT138ATQCT.B TI2-CY74FCT138ATQCT.B Datasheet
246Kb / 12P
1-OF-8 DECODERS
REVISED OCTOBER 2001
CY74FCT138ATSOC TI-CY74FCT138ATSOC Datasheet
79Kb / 7P
1-of-8 Decoder
More results


Similar Description - CY74FCT138ATPC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
1-of-8 Decoder
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138_03 Datasheet
103Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
KODENSHI_AUK CORP.
KK74HC138A KODENSHI-KK74HC138A Datasheet
225Kb / 6P
1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com