Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1742 Datasheet (PDF) - Analog Intergrations Corporation

AIC1742 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1742
Download  AIC1742 Download
File Size   639.93 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass

AIC1742 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1742 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1742
Download  AIC1742 Click to download

File Size   639.93 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass

AIC1742 Datasheet (HTML) - Analog Intergrations Corporation


AIC1742 Product details

DESCRIPTION

AIC1742 is a low noise, low dropout linear regulator, and is housed in a small SOT-23-5 package. The device is in the “ON” state when the SHDN pin is set to logic high level. A low dropout voltage of 90mV at 50mA load current is performed. It offers high precision output voltage of ±2%. The quality of low quiescent current and low dropout voltage makes this device ideal for battery power applications. The internal reverse bias protection eliminates the requirement for a reverse voltage protection diode. The high ripple rejection and low noise of AIC1742 provide enhanced performance for critical applications.



FEATURES

• Very Low Noise, 25μ VRMS @ f=10~100kHz.

• Very Low Quiescent Current, 35μ A.

• Very Low Dropout Voltage, 90mV @ 50mA.

• Active Low Shutdown Control.

• Short Circuit and Thermal Protection.

• 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 2.85V, 2.9V, 3.0V, 3.3V Output Voltage.

• Available in ±2% Output Tolerance.

• Low Profile Package: SOT-23-5



APPLICATIONS

• Cellular Telephones.

• Pagers.

• Personal Communication Equipment.

• Cordless Telephones.

• Portable Instrumentation.

• Portable Consumer Equipment.

• Radio Control Systems.

• Low Voltage Systems.

• Battery Powered Systems



 




Similar Part No. - AIC1742

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-15AXV AIC-AIC1742-15AXV Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-15BXV AIC-AIC1742-15BXV Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-18AXV AIC-AIC1742-18AXV Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-18BXV AIC-AIC1742-18BXV Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-20AXV AIC-AIC1742-20AXV Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results


Similar Description - AIC1742

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com