Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA8627 Datasheet (PDF) - Prolific Technology Inc.

MA8627 Datasheet PDF - Prolific Technology Inc.
Part # MA8627
Download  MA8627 Download
File Size   259.49 Kbytes
Page   2 Pages
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.
Description USB 2.0 High Speed 3-Port Hub with SD Reader Controller

MA8627 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA8627 Datasheet PDF - Prolific Technology Inc.

Part # MA8627
Download  MA8627 Click to download

File Size   259.49 Kbytes
Page   2 Pages
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.
Description USB 2.0 High Speed 3-Port Hub with SD Reader Controller

MA8627 Datasheet (HTML) - Prolific Technology Inc.


MA8627 Product details

The MA8627 is a high performance solution for USB 2.0 High Speed 3-port hub with SD card controller which is fully compliant with Universal Serial Bus Specification 2.0. The controller inherits advanced serial interface technology to consume the least power when 3 DS (downstream) ports function simultaneously.
The MA8627 is an innovation that integrates function to combine USB 2.0 Hub and SD card reader. The reader complies with SD, SDHC, SDXC and MMC card specification. With single IC, MA8627 provides system solution targeting the multi-media set top box for multiple USB ports and reader application.

Features
USB 2.0 Hub
➤ Compliant with USB Specification Revision 2.0
    o Upstream Port supports high-speed (480MHz) and full-speed (12MHz) traffic
    o Configurable 3/2 downstream ports support high-speed, full-speed, and low-speed
    o Backward compatible to USB Specification Revision 1.1
➤ 12Mhz Oscillator clock input
➤ Integrated upstream 1.5KΩ pull-up downstream 15KΩ pull-down resisters
➤ Single Transaction Translator (Single TT)
➤ Ganged Power Control and Global Over Current detection for downstream ports
➤ Leading small power consumption USB2.0 Hub
➤ Integrated Fast 8051 microprocessor
➤ On chip 5V to 3.3V/1.2V regulator
➤ Automatic re-enumeration for switching between self-powered and bus-powered modes
➤ External EEPROM interface for customized information storage
    o Customized VID, PID
    o Number of downstream port
    o Product ID
    o Serial number
➤ Two LED port indicator mode
    o 3 Downstream port LED (enable green) and one Active/Suspend LED(Red)
    o One joint Downstream port LED for 3 ports (enable green) and one Active/Suspend LED(Red)

USB 2.0 SD Card Reader
➤ USB Device Class Definition for Mass Storage , Bulk-Transport v1.0
➤ Single LUN support for SD/MMC card
    o Support MMC 4.0/4.1/4.2 (4 bit & 8bit), RS-MMC, MMC-Mobile
    o Support Secure Digital Card (SD) specification v1.0/v1.1/v2.0/v3.0 UHS-1 for SDR50 & SDR104
    o Support SD/MMC High Speed , SDR50, SDR104 Mode
➤ Integrated Fast 8051 microprocessor
➤ On chip 5V to 3.3V/1.2V regulator




Similar Part No. - MA8627

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA862 PANASONIC-MA862 Datasheet
49Kb / 3P
Silicon epitaxial planar type
logo
Prolific Technology Inc...
MA8621 PROLIFIC-MA8621 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
More results


Similar Description - MA8627

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB3613 MICROCHIP-USB3613 Datasheet
520Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8621 PROLIFIC-MA8621 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com