Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8233BAFT Datasheet (PDF) - Seiko Instruments Inc

S-8233BAFT Datasheet PDF - Seiko Instruments Inc
Part # S-8233BAFT
Download  S-8233BAFT Download
File Size   232.07 Kbytes
Page   26 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)

S-8233BAFT Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8233BAFT Datasheet PDF - Seiko Instruments Inc

Part # S-8233BAFT
Download  S-8233BAFT Click to download

File Size   232.07 Kbytes
Page   26 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)

S-8233BAFT Datasheet (HTML) - Seiko Instruments Inc


S-8233BAFT Product details

The S-8233B is a series of lithium-ion rechargeable battery protection ICs incorporating high-accuracy (±25 mV) voltage detection circuits and delay circuits. It is suitable for a 3-serial-cell lithium-ion battery pack.



■ Features

(1) Internal high-accuracy voltage detection circuit

   • Over charge detection voltage 3.80 ± 0.025 V to 4.40 ± 0.025 V

                                                                         5 mV - step

   • Over charge release voltage 3.45 ± 0.100 V to 4.40 ± 0.100 V

                                                                         5 mV - step

      (The over charge release voltage can be selected within the range where a difference from

          over charge detection voltage is 0 to 0.35 V with 50 mV - step)

   • Over discharge detection voltage 2.00 ± 0.08 V to 2.80 ± 0.08 V

                                                                        50 mV - step

   • Over discharge release voltage 2.00 ± 0.10 V to4.00 ± 0.10 V

                                                                    50 mV - step

      (The over discharge release voltage can be selected within the range where a difference

         from over discharge detection voltage is 0 to 1.2 V with 50 mV - step)

   • Over current detection voltage 1 0.15 ± 0.015 V to 0.5 ± 0.05 V

                                                                       50 mV - step

(2) High input-voltage device (absolute maximum rating: 26 V)

(3) Wide operating voltage range: 2 V to 24 V

(4) The delay time for every detection can be set via an external capacitor.

(5) Three over current detection levels (protection for short-circuiting)

(6) Internal charge/discharge prohibition circuit via the control terminal

(7) The function for charging batteries from 0 V is available.

(8) Low current consumption

   • Operation 50 μA max. (+25°C)

   • Power-down 0.1 μA max. (+25°C)

(9) Lead-free products



■ Applications

  Lithium-ion rechargeable battery packs



 




Similar Part No. - S-8233BAFT

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233BAFT-TB-G SII-S-8233BAFT-TB-G Datasheet
360Kb / 26P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
More results


Similar Description - S-8233BAFT

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com