Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3022 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3022 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3022
Download  TC3022 Download
File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Turbo Product Code decoders

TC3022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3022 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3022
Download  TC3022 Click to download

File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Turbo Product Code decoders

TC3022 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3022 Product details

[Turbo Concept]

Introducing turbo product codes with BCH “t=2” codes Customisable bitrate : 7 to 25 Mbits/s

Turbo codes improves a transmission link by an additional gain of 2 to 3 decibels, compared to classical FEC solutions.
TC3000 is a family of IP Cores offering powerful and flexible turbo product codes. TC3000 is
the first IP Core implementing Hamming and double-error-correcting BCH product codes. A
highly generic approach allows TC3000 to be precisely optimised for a target application.

Features
• Very High FEC performance : Hamming and "BCH-t=2" codes
• Bitrate customisable : 7 to 25 Mbits/s typical @ 5 iterations
• Large block sizes : up to 65 kbits
• On-the-fly change of the code
• Shortening facilities to adjust packet size and coding rate
• Single-chip PLD IP Core : Altera APEX, no external memory required
• Latency reduction by bank-swapping
• Two selectable configuration interface




Similar Part No. - TC3022

ManufacturerPart #DatasheetDescription
logo
France Joint
TC300X340X18 FRANCEJOINT-TC300X340X18 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC300X360X25 FRANCEJOINT-TC300X360X25 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
Productwell Precision E...
TC3014D-101M PRODUCTWELL-TC3014D-101M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC3015D-391M PRODUCTWELL-TC3015D-391M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC3016D-301M PRODUCTWELL-TC3016D-301M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC3022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
Decoders/Demultiplexers
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
Decimal Decoders
9311 NSC-9311 Datasheet
96Kb / 4P
DECODERS/DEMULTIPLEXERS
logo
List of Unclassifed Man...
AHA4541 ETC1-AHA4541 Datasheet
217Kb / 4P
311 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
BT829B ETC1-BT829B Datasheet
1Mb / 127P
VideoStreamII Decoders
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
List of Unclassifed Man...
AHA4501 ETC1-AHA4501 Datasheet
575Kb / 40P
36 Mbits/sec Turbo Product Code Encoder/Decoder, 3.3V
AHA4524 ETC1-AHA4524 Datasheet
100Kb / 4P
TURBO PRODUCT CODE ENCODER/DECODER
AHA4540B ETC1-AHA4540B Datasheet
211Kb / 4P
155 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
Turbo CAN Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com