Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HSDJ Datasheet (PDF) - TEMIC Semiconductors

DG201HSDJ Datasheet PDF - TEMIC Semiconductors
Part # DG201HSDJ
Download  DG201HSDJ Download
File Size   107.42 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description High-Speed Quad SPST CMOS Analog Switch

DG201HSDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DG201HSDJ Datasheet PDF - TEMIC Semiconductors

Part # DG201HSDJ
Download  DG201HSDJ Click to download

File Size   107.42 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description High-Speed Quad SPST CMOS Analog Switch

DG201HSDJ Datasheet (HTML) - TEMIC Semiconductors


DG201HSDJ Product details

DESCRIPTION
The DG201HS is an improved monolithic device containing four independent analog switches. It is designed to provide high speed, low error switching of analog signals. Combining low on-resistance (25 Ω) with high speed (tON: 38 ns), the DG201HS is ideally suited for high speed data acquisition requirements.
To achieve high voltage ratings and superior switching performance, the DG201HS is built on a proprietary high-voltage silicon-gate process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on, and blocks input voltages to the supply values, when off.

FEATURES
● Fast Switching—tON: 38 ns
● Low On-Resistance: 25 Ω
● Low Leakage: 100 pA
● Low Charge Injection
● TTL/CMOS Logic Compatible
● Single Supply Compatibility
● High Current Rating: –30 mA

BENEFITS
● Faster Throughput
● Higher Accuracy
● Reduced Pedestal Error
● Upgrades Existing Designs
● Simple Interfacing
● Replaces HI201HS, ADG201HS
● Space Savings (TSSOP)

APPLICATIONS
● Data Acquisition
● Hi-Rel Systems
● Sample-and-Hold Circuits
● Communication Systems
● Automatic Test Equipment
● Integrator Reset Circuits
● Choppers
● Gain Switching
● Avionics




Similar Part No. - DG201HSDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201HSDJ VISHAY-DG201HSDJ Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
DG201HSDJ VISHAY-DG201HSDJ Datasheet
124Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
25-Jun-07
DG201HSDJ-E3 VISHAY-DG201HSDJ-E3 Datasheet
124Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
25-Jun-07
More results


Similar Description - DG201HSDJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
July 1999
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Intersil Corporation
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
High-Speed Quad Monolithic SPST CMOS Analog Switch
23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
High-Speed Quad Monolithic SPST CMOS Analog Switch
15-Nov-04
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
25-Jun-07
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com