Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCP-11HY221H Datasheet (PDF) - Kemet Corporation

SBCP-11HY221H Datasheet PDF - Kemet Corporation
Part # SBCP-11HY221H
Download  SBCP-11HY221H Download
File Size   66.75 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBCP-11HY, Power, 220 uH, 10%, 5mm

SBCP-11HY221H Datasheet (PDF)

Go To PDF Page Download Datasheet
SBCP-11HY221H Datasheet PDF - Kemet Corporation

Part # SBCP-11HY221H
Download  SBCP-11HY221H Click to download

File Size   66.75 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBCP-11HY, Power, 220 uH, 10%, 5mm

SBCP-11HY221H Datasheet (HTML) - Kemet Corporation




Similar Part No. - SBCP-11HY221H

ManufacturerPart #DatasheetDescription
logo
NEC
SBCP-11HY221H NEC-SBCP-11HY221H Datasheet
2Mb / 104P
Power Inductors
More results


Similar Description - SBCP-11HY221H

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBCP-11HY151H KEMET-SBCP-11HY151H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 150 uH, 10%, 5mm
SBCP-11HY220H KEMET-SBCP-11HY220H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 22 uH, 20%, 5mm
SBCP-11HY471H KEMET-SBCP-11HY471H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 470 uH, 10%, 5mm
SBCP-11HY101H KEMET-SBCP-11HY101H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 100 uH, 10%, 5mm
SBCP-11HY102H KEMET-SBCP-11HY102H Datasheet
67Kb / 1P
KEMET, SBCP-11HY, Power, 1000 uH, 10%, 5mm
SBCP-11HY331H KEMET-SBCP-11HY331H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 330 uH, 10%, 5mm
SBCP-11HY680H KEMET-SBCP-11HY680H Datasheet
67Kb / 1P
KEMET, SBCP-11HY, Power, 68 uH, 10%, 5mm
SBCP-11HY681H KEMET-SBCP-11HY681H Datasheet
67Kb / 1P
KEMET, SBCP-11HY, Power, 680 uH, 10%, 5mm
SBCP-11HY330H KEMET-SBCP-11HY330H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 33 uH, 20%, 5mm
SBCP-11HY100H KEMET-SBCP-11HY100H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 10 uH, 20%, 5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com