Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM5384 Datasheet (PDF) - Broadcom Corporation.

BCM5384 Datasheet PDF - Broadcom Corporation.
Part # BCM5384
Download  BCM5384 Download
File Size   215.43 Kbytes
Page   1 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY

BCM5384 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM5384 Datasheet PDF - Broadcom Corporation.

Part # BCM5384
Download  BCM5384 Click to download

File Size   215.43 Kbytes
Page   1 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 4GE PORT SWITCH WITH INTERGRATED GE COPPER PHY

BCM5384 Datasheet (HTML) - Broadcom Corporation.


BCM5384 Product details

OVERVIEW
The Broadcom BCM5384 device is a highly integrated solution. It combines all the functions of a high-speed switch system, including packet buffer, PHY transceivers, media access controllers, address management, and a nonblocking switch fabric into a single 0.13 µm CMOS device. It complies with IEEE 802.3, 802.3u, 802.3ab, and 802.3x specifications, including the MAC control, pause frame, and auto-negotiation subsections, providing compatibility with all industrystandard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.

FEATURES
• Highest silicon integration level achieved for an 4-port, 10/100/1000 Ethernet switch device
• Seventh-generation switch on a chip
• Integrates:
   Four 10/100/1000 transceivers (802.3ab compliant)
   Four MACs (802.x compliant) with support for 9 Kbyte Jumbo Frames
   Nonblocking four Gigabit Ethernet fully integrated switch fabric
   SPI Interface for easy setup and smart unmanaged operation
• Classifies packets using four 802.1p QoS or DiffServ/TOS priority queues
• VLAN 4k 802.1Q or port-based supported
• Supports up to 8k unicast MAC addresses
• Supports MAC-based port aggregation (trunking)
• Flow control: full-duplex (802.3x) and half-duplex options supported
• Supports automatic address learning and aging
• Internal oscillator circuit
• Low power 0.13 µm 1.2 V CMOS core: <3.5W Pd.
• Fanless operation supported
• Integrated voltage regulator for simplified power supply design
• 324-pin FBGA package (small form factor 19 mm x 19 mm)




Similar Part No. - BCM5384

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5384 BOARDCOM-BCM5384 Datasheet
221Kb / 2P
4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5384 BOARDCOM-BCM5384_04 Datasheet
221Kb / 2P
4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
More results


Similar Description - BCM5384

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5388 BOARDCOM-BCM5388 Datasheet
229Kb / 1P
8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5385 BOARDCOM-BCM5385 Datasheet
211Kb / 2P
5GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5389 BOARDCOM-BCM5389 Datasheet
313Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396 BOARDCOM-BCM5396 Datasheet
470Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5384 BOARDCOM-BCM5384_04 Datasheet
221Kb / 2P
4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5388 BOARDCOM-BCM5388_04 Datasheet
250Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
BCM5389KFBG BOARDCOM-BCM5389KFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5389IFBG BOARDCOM-BCM5389IFBG Datasheet
314Kb / 2P
8-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5396KFBG BOARDCOM-BCM5396KFBG Datasheet
471Kb / 2P
16-GE PORT SWITCH WITH INTEGRATED SerDes
BCM5388KPB BOARDCOM-BCM5388KPB Datasheet
251Kb / 2P
8GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com