Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U024-06N-IDC Datasheet (PDF) - Tripp Lite. All Rights Reserved

U024-06N-IDC Datasheet PDF - Tripp Lite. All Rights Reserved
Part # U024-06N-IDC
Download  U024-06N-IDC Download
File Size   154.29 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB 2.0 A Female to USB Motherboard 4-PIN IDC Header Cable, 6-in.

U024-06N-IDC Datasheet (PDF)

Go To PDF Page Download Datasheet
U024-06N-IDC Datasheet PDF - Tripp Lite. All Rights Reserved

Part # U024-06N-IDC
Download  U024-06N-IDC Click to download

File Size   154.29 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description USB 2.0 A Female to USB Motherboard 4-PIN IDC Header Cable, 6-in.

U024-06N-IDC Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - U024-06N-IDC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U024-06N-HUB TRIPPLITE-U024-06N-HUB Datasheet
482Kb / 2P
USB 2.0 Hi-Speed Port Liberator cable - A/A Extension cable with 500mA Charging port, 6-in.
More results


Similar Description - U024-06N-IDC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Tripp Lite. All Rights ...
U321-18N-20P-PM TRIPPLITE-U321-18N-20P-PM Datasheet
488Kb / 2P
USB 3.0 2-Port Panel Mount Adapter, 20-Pin Motherboard IDC to 2x USB Type-A Female, 18 in.
U024-001-5P-PM TRIPPLITE-U024-001-5P-PM Datasheet
504Kb / 2P
USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 1 ft.
U024-003-5P-PM TRIPPLITE-U024-003-5P-PM Datasheet
502Kb / 2P
USB 2.0 Hi-Speed Panel Mount Cable, 5-Pin Motherboard IDC to USB Type-A (F/F), 3 ft.
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
UR024-06N TRIPPLITE-UR024-06N Datasheet
169Kb / 2P
Universal Reversible USB 2.0 Extension Cable (Reversible A to A), 6-in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com