Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF347BN Datasheet (PDF) - Motorola, Inc

LF347BN Datasheet PDF - Motorola, Inc
Part # LF347BN
Download  LF347BN Download
File Size   101.6 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FAMILY OF JFET OPERATIONAL AMPLIFIERS

LF347BN Datasheet (PDF)

Go To PDF Page Download Datasheet
LF347BN Datasheet PDF - Motorola, Inc

Part # LF347BN
Download  LF347BN Click to download

File Size   101.6 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description FAMILY OF JFET OPERATIONAL AMPLIFIERS

LF347BN Datasheet (HTML) - Motorola, Inc


LF347BN Product details

JFET Input Operational Amplifiers

These low cost JFET input operational amplifiers combine two state–of–the–art analog technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input devices for low input offset voltage. The JFET technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents.
These devices are available in single, dual and quad operational amplifiers which are pin–compatible with the industry standard MC1741, MC1458, and the MC3403/LM324 bipolar devices.

• Input Offset Voltage of 5.0 mV Max (LF347B)
• Low Input Bias Current: 50 pA
• Low Input Noise Voltage: 16 nV/√Hz
• Wide Gain Bandwidth: 4.0 MHz
• High Slew Rate: 13V/µs
• Low Supply Current: 1.8 mA per Amplifier
• High Input Impedance: 1012 Ω
• High Common Mode and Supply Voltage Rejection Ratios: 100 dB




Similar Part No. - LF347BN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF347BN NSC-LF347BN Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF347BN TI-LF347BN Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347BN ONSEMI-LF347BN Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LF347BN TI2-LF347BN Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
LF347BN.A TI2-LF347BN.A Datasheet
940Kb / 22P
LF347, LF347B JFET-Input Quad Operational Amplifiers
REVISED MARCH 2016
More results


Similar Description - LF347BN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com