Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9835 Datasheet (PDF) - Cypress Semiconductor

C9835 Datasheet PDF - Cypress Semiconductor
Part # C9835
Download  C9835 Download
File Size   343.82 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems

C9835 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9835 Datasheet PDF - Cypress Semiconductor

Part # C9835
Download  C9835 Click to download

File Size   343.82 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems

C9835 Datasheet (HTML) - Cypress Semiconductor


C9835 Product details

Features
• Meets Intel’s Mobile 133.3MHz Chipset
• Three CPU Clocks (66.6/100/133.3 MHz, 2.5V)
• Six SDRAM Clocks, 1-DCLK (100/133.3 MHz, 3.3V)
• Seven PCI Clocks (33MHz, 3.3V), one free running
• Two IOAPIC clocks, synchronous to CPU clock (33.3 MHz, 2.5V)
• One REF Clock
• Two 48-MHz fixed non-SSCG clocks (USB and DOT)
• Three 3V66 clocks (66.6 MHz, 3.3V) ICH, HUBLINK, and AGP memory
• One selectable frequency for VCH video channel clock (48-MHz non-SSCG, 66.6-MHz CPU-SSCG, 3.3V)
• Power management using power-down, CPU stop, and PCI stop pins
• Three function select pins (include test-mode select)
• Cypress Spread Spectrum for best electromagnetic interference (EMI) reduction
• SMBUS support with readback
• 56-pin SSOP and TSSOP packages




Similar Part No. - C9835

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C983 PERKINELMER-C983 Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
C983P PERKINELMER-C983P Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
More results


Similar Description - C9835

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
Clock Generator for Intel Alviso Chipset
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
Clock Generator for Intel PCI Express Mobile Chipset
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
Low EMI Clock Generator for Intel 810E Chipset Systems
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
Clock Generator for Intel Grantsdale Chipset
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
Clock Generator for Intel Alviso Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
Clock Generator for Intel Alviso Chipset
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com