Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4882 Datasheet (PDF) - Gennum Corporation

GS4882 Datasheet PDF - Gennum Corporation
Part # GS4882
Download  GS4882 Download
File Size   85.5 Kbytes
Page   7 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Video Sync Separators with 50% Sync Slicing

GS4882 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS4882 Datasheet PDF - Gennum Corporation

Part # GS4882
Download  GS4882 Click to download

File Size   85.5 Kbytes
Page   7 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Video Sync Separators with 50% Sync Slicing

GS4882 Datasheet (HTML) - Gennum Corporation


GS4882 Product details

DESCRIPTION
The GS4882 and GS4982 are precision sync separators for extracting timing information from NTSC, PAL, and SECAM video signals. The GS4882 generates noise immune and temperature stable composite sync, vertical sync, back porch and odd/even field signals. The GS4982 provides a horizontal sync output for those applications requiring horizontal sync extraction.

FEATURES
• precision 50% sync slicing
• internal color burst filter
• ±5 ns temperature stability
• superior noise immunity
• robust signal detection/output muting circuitry
• high performance dual mode input clamp
• 0.5 V to 4.0 Vpp input signal with +5 V supply
• composite, vertical, back porch, odd/even outputs
• horizontal sync output available with GS4982
• +4.5 V to +13.2 V supply voltage range
• Pb-free and Green




Similar Part No. - GS4882

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
279Kb / 14P
Monolithic Video Sync Separators
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
Monolithic Video Sync Separators
GS4881-CDA GENNUM-GS4881-CDA Datasheet
279Kb / 14P
Monolithic Video Sync Separators
GS4881-CKA GENNUM-GS4881-CKA Datasheet
279Kb / 14P
Monolithic Video Sync Separators
GS4881-CTA GENNUM-GS4881-CTA Datasheet
279Kb / 14P
Monolithic Video Sync Separators
More results


Similar Description - GS4882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
Programmable Video Sync Generator
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
Monolithic Video Sync Separators
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
Programmable Video Sync Generator
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
Programmable Video Sync Generator
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
Monolithic Video Sync Separators
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com