Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-945EX Datasheet (PDF) - DATEL, Inc.

ADS-945EX Datasheet PDF - DATEL, Inc.
Part # ADS-945EX
Download  ADS-945EX Download
File Size   105.94 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-945EX Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-945EX Datasheet PDF - DATEL, Inc.

Part # ADS-945EX
Download  ADS-945EX Click to download

File Size   105.94 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-945EX Datasheet (HTML) - DATEL, Inc.


ADS-945EX Product details

GENERAL DESCRIPTION
The low-cost ADS-945 is a high-performance, 14-bit, 10MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-945 has been optimized to achieve a THD of –80dB and a SNR of 75dB.

FEATURES
• 14-bit resolution
• 10MHz minimum throughput
• Functionally complete
• No missing codes
• Low power, 4.0W
• Excellent dynamic performance
• Internally clamped input
• Edge triggered
• TTL compatible
• 2" x 4" module
• Very low profile




Similar Part No. - ADS-945EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-945EX ETC1-ADS-945EX Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-945EX MURATA-PS-ADS-945EX Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-945EX-C DATEL-ADS-945EX-C Datasheet
106Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-945EX

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-112MM DATEL-ADS-112MM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AME DATEL-ADS-118AME Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AMM DATEL-ADS-118AMM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119G-C883 DATEL-ADS-119G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119GE DATEL-ADS-119GE Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119MC-C DATEL-ADS-119MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119ME-C DATEL-ADS-119ME-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-916GE DATEL-ADS-916GE Datasheet
106Kb / 1P
Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com