Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM-14 Datasheet (PDF) - DATEL, Inc.

SHM-14 Datasheet PDF - DATEL, Inc.
Part # SHM-14
Download  SHM-14 Download
File Size   250.67 Kbytes
Page   5 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description 14-Bit Linear Sample-Hold Amplifi er

SHM-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
SHM-14 Datasheet PDF - DATEL, Inc.

Part # SHM-14
Download  SHM-14 Click to download

File Size   250.67 Kbytes
Page   5 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description 14-Bit Linear Sample-Hold Amplifi er

SHM-14 Datasheet (HTML) - DATEL, Inc.


SHM-14 Product details

GENERAL DESCRIPTION
The SHM-14 is an extremely high-speed and accurate monolithic sample-and-hold amplifier designed for fast data acquisition applications. The SHM-14 is accurate (±0.5 LSB to 14-bits over the full military temperature range) and is very fast (10ns and 20ns acquisition times to accuracies of 10 and 12 bits respectively). With this high performance and a full power bandwidth of 70MHz, the SHM-14 is an ideal device for driving flash and high-resolution subranging A/D converters.

FEATURES
• Fast acquisition time:
    10ns to ±0.1%
    20ns to ±0.024%
    25ns to ±0.012%
• ±0.0012% Nonlinearity
• 65µV rms output noise
• 250MHz small signal bandwidth
• 70MHz full power bandwidth
• –80dB feedthrough
• 1ps Aperture jitter
• 250mW power dissipation
• Low cost




Similar Part No. - SHM-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHM-14 ETC-SHM-14 Datasheet
153Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
logo
List of Unclassifed Man...
SHM-14L ETC-SHM-14L Datasheet
153Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-14L MURATA-PS-SHM-14L Datasheet
155Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
More results


Similar Description - SHM-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHM-12 ETC-SHM-12 Datasheet
153Kb / 6P
Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-14 ETC-SHM-14 Datasheet
153Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Analog Devices
SHA1144 AD-SHA1144 Datasheet
540Kb / 6P
HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
Supertex, Inc
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
32-Channel High Voltage Sample and Hold Amplifi er Array
logo
Murata Power Solutions ...
SHM-12 MURATA-PS-SHM-12 Datasheet
155Kb / 6P
Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
High Resolution 14-Bit Sample and Hold Amplifier
logo
Analog Devices
SHA1144 AD-SHA1144_15 Datasheet
2Mb / 6P
HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
DATEL, Inc.
SHM-49 DATEL-SHM-49 Datasheet
174Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com