Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM-49GC Datasheet (PDF) - DATEL, Inc.

SHM-49GC Datasheet PDF - DATEL, Inc.
Part # SHM-49GC
Download  SHM-49GC Download
File Size   174.6 Kbytes
Page   3 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers

SHM-49GC Datasheet (PDF)

Go To PDF Page Download Datasheet
SHM-49GC Datasheet PDF - DATEL, Inc.

Part # SHM-49GC
Download  SHM-49GC Click to download

File Size   174.6 Kbytes
Page   3 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers

SHM-49GC Datasheet (HTML) - DATEL, Inc.


SHM-49GC Product details

GENERAL DESCRIPTION
DATEL’s SHM-49 is a high-speed, highly accurate sample/hold designed for precision, high-speed analog signal processing applications. The SHM-49 features excellent dynamic specifications including a maximum acquisition time of only 200 nanoseconds for a 10V step to ±0.01%.

FEATURES
• Small 8-pin DIP package
• 200ns max. acquisition time to ±0.01%
• 100ns max. sample-to-hold settling time to ±0.01%
• 16MHz small signal bandwidth
• 74dB feedthrough attenuation
• ±25 picoseconds aperture uncertainty
• 415mW maximum power dissipation




Similar Part No. - SHM-49GC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-49GC MURATA-PS-SHM-49GC Datasheet
135Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
DATEL, Inc.
SHM-49GC DATEL-SHM-49GC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49GC-C DATEL-SHM-49GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
More results


Similar Description - SHM-49GC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV.A
logo
List of Unclassifed Man...
SHM-49 ETC1-SHM-49 Datasheet
42Kb / 3P
Miniature, High-Speed -0.01% Sample-Hold Amplifiers
SHM-950 ETC1-SHM-950 Datasheet
60Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-50 MURATA-PS-SHM-50 Datasheet
146Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
SHM-49 MURATA-PS-SHM-49 Datasheet
135Kb / 3P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
Analog Devices
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
Complete Very High Speed Sample and Hold Amplifier
REV. B
logo
DATEL, Inc.
SHM-4860 DATEL-SHM-4860 Datasheet
148Kb / 3P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
SHM-50 DATEL-SHM-50 Datasheet
177Kb / 4P
Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifi ers
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com