Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC100LVEL01 Datasheet (PDF) - ON Semiconductor

MC100LVEL01 Datasheet PDF - ON Semiconductor
Part # MC100LVEL01
Download  MC100LVEL01 Download
File Size   71.24 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Input OR/NOR

MC100LVEL01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100LVEL01 Datasheet PDF - ON Semiconductor

Part # MC100LVEL01
Download  MC100LVEL01 Click to download

File Size   71.24 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Input OR/NOR

MC100LVEL01 Datasheet (HTML) - ON Semiconductor


MC100LVEL01 Product details

Description
The MC100LVEL01 is a 4−input OR/NOR gate. The device is functionally equivalent to the EL01 device and works from a 3.3 V supply. With AC performance similar to the EL01 device, the LVEL01 is ideal for low voltage applications which require the ultimate in AC performance.

Features
• 370 ps Propagation Delay
• High Bandwidth Output Transitions
• ESD Protection: >2 kV Human Body Model, >200 V Machine Model
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 3.0 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −3.8 V
• Internal Input Pulldown Resistors
• Q Output will Default LOW with All Inputs Open or at VEE
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index 28 to 34
• Transistor Count = 83 devices
• Pb−Free Packages are Available




Similar Part No. - MC100LVEL01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
134Kb / 7P
3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
155Kb / 6P
3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
MC100LVEL01D ONSEMI-MC100LVEL01D Datasheet
134Kb / 7P
3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC100LVEL01D ONSEMI-MC100LVEL01D Datasheet
202Kb / 20P
Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL01DG ONSEMI-MC100LVEL01DG Datasheet
134Kb / 7P
3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
More results


Similar Description - MC100LVEL01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
4-Input OR/NOR
1996 REV 2
MC10EP101 ONSEMI-MC10EP101 Datasheet
112Kb / 8P
Quad 4-Input OR/NOR
March, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
4-INPUT OR/NOR
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
QUAD 4-INPUT OR/NOR GATE
SY10EL01 MICREL-SY10EL01_06 Datasheet
49Kb / 4P
4-INPUT OR/NOR
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
ECL/PECL 4-Input OR/NOR
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
4-input OR / NOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com