Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC100LVEL11 Datasheet (PDF) - ON Semiconductor

MC100LVEL11 Datasheet PDF - ON Semiconductor
Part # MC100LVEL11
Download  MC100LVEL11 Download
File Size   83.08 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage 1:2 Differential Fanout Buffer

MC100LVEL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100LVEL11 Datasheet PDF - ON Semiconductor

Part # MC100LVEL11
Download  MC100LVEL11 Click to download

File Size   83.08 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage 1:2 Differential Fanout Buffer

MC100LVEL11 Datasheet (HTML) - ON Semiconductor


MC100LVEL11 Product details

Description
The MC100LVEL11 is a differential 1:2 fanout buffer. The device is functionally similar to the E111 device but with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111, the LVEL11 is ideally suited for those applications which require the ultimate in AC performance.
The differential inputs of the LVEL11 employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open (pulled to VEE) the Q outputs will go LOW.

Features
• 330 ps Propagation Delay
• 5 ps Skew Between Outputs
• High Bandwidth Output Transitions
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 3.0 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −3.8 V
• Internal Input Pulldown Resistors
• Q Output will Default LOW with Inputs Open or at VEE
• Pb−Free Packages are Available




Similar Part No. - MC100LVEL11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
141Kb / 8P
3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100LVEL11D ONSEMI-MC100LVEL11D Datasheet
141Kb / 8P
3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100LVEL11D ONSEMI-MC100LVEL11D Datasheet
202Kb / 20P
Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL11DG ONSEMI-MC100LVEL11DG Datasheet
141Kb / 8P
3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100LVEL11DG ONSEMI-MC100LVEL11DG Datasheet
99Kb / 8P
ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
More results


Similar Description - MC100LVEL11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com