Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM1840SCM Datasheet (PDF) - International Rectifier

OM1840SCM Datasheet PDF - International Rectifier
Part # OM1840SCM
Download  OM1840SCM Download
File Size   432.07 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521

OM1840SCM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM1840SCM Datasheet PDF - International Rectifier

Part # OM1840SCM
Download  OM1840SCM Click to download

File Size   432.07 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521

OM1840SCM Datasheet (HTML) - International Rectifier


OM1840SCM Product details

DESCRIPTION

This three terminal positive adjustable voltage regulator is designed to provide 5A with higher efficiency than conventional voltage regulators. This device is designed to operate down to 1 Volt input to output differential and the dropout voltage is fully specified as a function of load current. Supplied in easy-to-use hermetic TO-258 and TO-3 packages, this device is ideally suited for Military applications where small size and high reliability is required.



FEATURES

• Similar To Industry Standard LT1084

• Approved To DESC Standardized Military Drawing Number 5962-89521

• Adjustable Output Voltage

• Built In Thermal Overload Protection

• Short Circuit Current Limiting

• Maximum Output Voltage Tolerance is Guaranteed To ±1%

• Guaranteed Dropout Voltage At Multiple Current Levels

• TO-258 Available in Isolated and Non-Isolated Packages



 




Similar Part No. - OM1840SCM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM184-12 IRF-OM184-12 Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-12NM IRF-OM184-12NM Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-15 IRF-OM184-15 Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM184-15NM IRF-OM184-15NM Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM184-5 ETC-OM184-5 Datasheet
407Kb / 4P
7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results


Similar Description - OM1840SCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
OM3914 ETC-OM3914 Datasheet
433Kb / 4P
3 AMP NEGATIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-87741
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com