Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV024Q Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LV024Q Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LV024Q
Download  PI90LV024Q Download
File Size   151.21 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description LVDS Dual 2x2 Crosspoint/Repeater Switch

PI90LV024Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LV024Q Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LV024Q
Download  PI90LV024Q Click to download

File Size   151.21 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description LVDS Dual 2x2 Crosspoint/Repeater Switch

PI90LV024Q Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LV024Q Product details

Description
The PI90LV024 and PI90LVB024 are monolithic dual 2x2 asynchronous crosspoint/repeater switches. The crosspoint function is based on a multiplexer tree architecture. Each 2x2 switch can be considered as a pair of 2:1 multiplexers that share the same inputs. The signal path through each switch is fully differential with minimal propagation delay. The signal path is unregistered, so no clock is required for the data inputs. The signal line drivers and receivers use Low Voltage Differential Signaling (LVDS) to achieve signaling rates as high as 650 Mbps.

Features
• Dual 2x2 Crosspoint/Repeater Switch
• Meets or Exceeds the Requirements of ANSI TIA/ EIA-644-1995
• Designed for Signaling Rates up to 650 Mbit/s (325 MHz)
• Operates from a 3.3V Supply: –40°C to 85°C
• Low Voltage Differential Signaling with Output Voltages of ±350mV into:
    – 100Ω load (PI90LV024)
    – 50Ω load Bus LVDS Signaling (PI90LVB024)
• Accepts ±350mV differential inputs
• Wide common mode input range: 0.2V to 2.7V
• Output drivers are high impedance when disabled or when VCC ≤ 1.5V
• Inputs are open, short, and terminated fail safe
• Propagation Delay Time: 3.5ns
• ESD protection is 10kV on bus pins
• Bus Pins are High Impedance when disabled or with VCC less than 1.5V
• TTL Inputs are 5V Tolerant
• Power Dissipation at 400Mbit/s of 250mW
• Packaging (Pb-free & Green Available):
    – 28-pin QSOP (Q)
    – 28-pin TSSOP (L)




Similar Part No. - PI90LV024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024Q PERICOM-PI90LV024Q Datasheet
432Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024QE PERICOM-PI90LV024QE Datasheet
432Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Similar Description - PI90LV024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com