Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CD-5R2 Datasheet (PDF) - ON Semiconductor

LP2951CD-5R2 Datasheet PDF - ON Semiconductor
Part # LP2951CD-5R2
Download  LP2951CD-5R2 Download
File Size   289.23 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micropower Voltage Regulators

LP2951CD-5R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951CD-5R2 Datasheet PDF - ON Semiconductor

Part # LP2951CD-5R2
Download  LP2951CD-5R2 Click to download

File Size   289.23 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Micropower Voltage Regulators

LP2951CD-5R2 Datasheet (HTML) - ON Semiconductor


LP2951CD-5R2 Product details

The LP2950 and LP2951 are micropower voltage regulators that are specifically designed to maintain proper regulation with an extremely low input−to−output voltage differential. These devices feature a very low quiescent bias current of 75 A and are capable of supplying output currents in excess of 100 mA. Internal current and thermal limiting protection is provided.

Features
• Low Quiescent Bias Current of 75 A
• Low Input−to−Output Voltage Differential of 50 mV at 100 A and
   380 mV at 100 mA
• 5.0 V, 3.3 V or 3.0 V ±0.5% Allows Use as a Regulator or Reference
• Extremely Tight Line and Load Regulation
• Requires Only a 1.0 F Output Capacitor for Stability
• Internal Current and Thermal Limiting
• NCV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free and RoHS Compliant

LP2951 Additional Features
• Error Output Signals an Out of Regulation Condition
• Output Programmable from 1.25 V to 29 V
• Logic Level Shutdown Input




Similar Part No. - LP2951CD-5R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2951CD-3.0 ONSEMI-LP2951CD-3.0 Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CD-3.0 ONSEMI-LP2951CD-3.0 Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CD-3.0 ONSEMI-LP2951CD-3.0 Datasheet
253Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CD-3.0G ONSEMI-LP2951CD-3.0G Datasheet
188Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
LP2951CD-3.0R2G ONSEMI-LP2951CD-3.0R2G Datasheet
188Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2015 ??Rev. 28
More results


Similar Description - LP2951CD-5R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
Dual Micropower Low-Dropout Voltage Regulators
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com