Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC9128 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC9128 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC9128
Download  VSC9128 Download
File Size   492.84 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper

VSC9128 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC9128 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC9128
Download  VSC9128 Click to download

File Size   492.84 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper

VSC9128 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC9128 Product details

GENERAL DESCRIPTION
VSC9125 (HOVCAT48e) is a 2.488 Gbps, multiservice, SONET/SDH data mapping device that supports both contiguously concatenated as well as virtually concatenated transport channels. A maximum of 48 data channels can be mapped into transport channels. Fully integrated Link Capacity Adjustment Scheme (LCAS) protocol is implemented. For route-diverse applications, external memory can accommodate differential delays up to 128 ms between tributaries.
   
VSC9128 (HOVCAT192e) is a 10 Gbps, multiservice, SONET/SDH data mapping device that supports both contiguously concatenated as well as virtually concatenated transport channels. A maximum of 64 data channels can be mapped into transport channels. The Link Capacity Adjustment Scheme (LCAS) protocol is supported. For route-diverse applications, external memory can accommodate differential delays up to 128 ms between tributaries.
   
FEATURES
► Virtual Concatenation (VC)
► 64 Independent Channels (GFP, PoS, X.85, X86, and LAPS)
► Link Capacity Adjustment Scheme (LCAS)
► Virtual Concatenation Groups (VCGs) with granularity of STS-1/VC-3
    and/or STS-3c/VC-4
► OIF Compliant SPI-4.2 Interface
► Backplane Interface: 2.488 Gbps (W & P), serial STS-48/STM-16 or
    622 Mbps (W & P), Serial STS-12/STM-4 622MHz for Legacy Backplanes
► Line Interface: OIF Compliant SFI-4 Interface
► 128 Msec of Differential Delay Support
► Support for Generic Framing Procedure (GFP)
   




Similar Part No. - VSC9128

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
Target Specification
VSC9115 VITESSE-VSC9115 Datasheet
162Kb / 2P
2.5 Gb/s Multi-Service SONET/SDH Mapper Device with Virtual Concatenation
VSC9118 VITESSE-VSC9118 Datasheet
190Kb / 2P
10 Gb/s / Quad 2.5 Gb/s Multi-Service SONET/SDH Mapper Device with Virtual Concatenation
VSC9135 VITESSE-VSC9135 Datasheet
421Kb / 2P
Multi-service High Order/Low Order Virtual Concatenation mapper
VSC9138 VITESSE-VSC9138 Datasheet
421Kb / 2P
Multi-service High Order/Low Order Virtual Concatenation mapper
More results


Similar Description - VSC9128

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8210 BOARDCOM-BCM8210 Datasheet
111Kb / 1P
2.488 GBPS FULLY INTEGRATED LOW POWER SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 111908
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com