Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet (PDF) - First Silicon Co., Ltd

BC337 Datasheet PDF - First Silicon Co., Ltd
Part # BC337
Download  BC337 Download
File Size   83.43 Kbytes
Page   1 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description TRANSISTOR (NPN)

BC337 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC337 Datasheet PDF - First Silicon Co., Ltd

Part # BC337
Download  BC337 Click to download

File Size   83.43 Kbytes
Page   1 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description TRANSISTOR (NPN)

BC337 Datasheet (HTML) - First Silicon Co., Ltd


BC337 Product details

FEATURES
• High Current : IC=800mA.
• DC Current Gain : hFE=100 630 (VCE=1V, Ic=100mA).
• For Complementary with PNP type BC327.




Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results


Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com