Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1003G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

FR1003G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # FR1003G
Download  FR1003G Download
File Size   93.58 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers

FR1003G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1003G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # FR1003G
Download  FR1003G Click to download

File Size   93.58 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers

FR1003G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


FR1003G Product details

Features

Low forward voltage drop

High current capability

High reliability

High surge current capability



Mechanical Data

Cases: TO-220 molded plastic

Epoxy: UL 94V-0 rate flame retardant

Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed

Polarity: As marked

High temperature soldering guaranteed: 260℃/10 seconds .16”,(4.06mm) from case.

Mounting position: Any

Weight: 2.24 grams




Similar Part No. - FR1003G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR1003G TSC-FR1003G Datasheet
344Kb / 2P
Isolated10 Amps Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR1003G LUGUANG-FR1003G Datasheet
273Kb / 2P
Isolated 10AMP. Glass Passivated Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FR1003GP MCC-FR1003GP Datasheet
454Kb / 3P
10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Similar Description - FR1003G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRA1007G ETC1-FRA1007G Datasheet
56Kb / 2P
10 AMPS Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRF1001G TSC-FRF1001G Datasheet
64Kb / 2P
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF801G TSC-FRAF801G Datasheet
82Kb / 2P
Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G Datasheet
82Kb / 2P
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF501G TSC-FRF501G Datasheet
124Kb / 2P
Isolation 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1001G TSC-FRA1001G Datasheet
59Kb / 2P
10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1001G TSC-FRA1001G_1 Datasheet
252Kb / 2P
10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G_1 Datasheet
264Kb / 2P
Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com