Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT94K05AL Datasheet (PDF) - ATMEL Corporation

AT94K05AL Datasheet PDF - ATMEL Corporation
Part # AT94K05AL
Download  AT94K05AL Download
File Size   507.7 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Programmable System Level Integration Prototyping System

AT94K05AL Datasheet (PDF)

Go To PDF Page Download Datasheet
AT94K05AL Datasheet PDF - ATMEL Corporation

Part # AT94K05AL
Download  AT94K05AL Click to download

File Size   507.7 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Programmable System Level Integration Prototyping System

AT94K05AL Datasheet (HTML) - ATMEL Corporation


AT94K05AL Product details

Description
The Atmel ATDH40M prototyping system allows designers to quickly and economically evaluate Atmel’s family of AT40K/AT40KAL FPGA and AT94K Field Programmable System Level Integrated Circuit (FPSLIC™) devices and Atmel’s AT17 FPGA configuration memory devices. The ATDH40M board connects to any x86 PC via parallel port through a 10-pin header cable to program the AT40K/AT40KAL FPGA/AT94K FPSLIC, or through a parallel port cable to program the AT17 FPGA Configuration EEPROMs. The motherboard interfaces with various daughter boards in order to program different package footprints (see Table 1).

Features
• Hardware
   – Supports Programming for Atmel AT40K/AT40KAL and AT94KALSeries of
      SRAM-based Programmable System Level Integration (PSLI) Devices
   – Supports ISP (In-System Programming) for Atmel AT17 Series Configuration
      EEPROMs
   – Built-in Clock Source with GCLK/FCLK Jumper Settings
   – Supports Modular Docking Platform for the ATDH40D FPGA Daughter Boards
   – Runs Off Portable 9V DC Power Supply or External Power
   – Supports 5.0V or 3.3V Supply
   – Designed to Work with Atmel IDS 5.0 or Above
   – Downloading for AT40K/AT17 Devices Direct from PC Parallel Port
   – Can be Used to Support FPSLIC
• System Contents
   – ATDH2081
      25-pin Parallel to 10-pin Header Adapter
   – ATDH40Dxxx
      Package-specific Daughterboard (Variable)
   – ATDH40M
      Programming Motherboard
   – Standard Parallel Cable (PC Parallel Port DB25), 10-pin Header Cable,
      9V DC/200 mA, 2.1 mm Center Positive Power Supply




Similar Part No. - AT94K05AL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K05AL ATMEL-AT94K05AL Datasheet
221Kb / 1P
FPSLIC is ALL About Time To Market
AT94K05AL-25AJC ATMEL-AT94K05AL-25AJC Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K05AL-25AJI ATMEL-AT94K05AL-25AJI Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K05AL-25AQC ATMEL-AT94K05AL-25AQC Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K05AL-25AQI ATMEL-AT94K05AL-25AQI Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
More results


Similar Description - AT94K05AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
programmable system interface
logo
List of Unclassifed Man...
SSM2110 ETC-SSM2110 Datasheet
435Kb / 6P
AUDIO LEVEL DETECTION SYSTEM
logo
STMicroelectronics
AN4324 STMICROELECTRONICS-AN4324 Datasheet
858Kb / 31P
STC3115 system integration
12-Nov-2014
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
5V in-system programmable
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
System Integration and Service Guide
Revision 1.3 May 2017
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com