Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABSP25 Datasheet (PDF) - Abracon Corporation

ABSP25 Datasheet PDF - Abracon Corporation
Part # ABSP25
Download  ABSP25 Download
File Size   1884.69 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY

ABSP25 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABSP25 Datasheet PDF - Abracon Corporation

Part # ABSP25
Download  ABSP25 Click to download

File Size   1884.69 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY

ABSP25 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABSP25

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSP10 ABRACON-ABSP10 Datasheet
1Mb / 3P
1.0 x 0.5mm SMD SURGE PROTECTOR
09.15.10
More results


Similar Description - ABSP25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
logo
Abracon Corporation
ABSP10 ABRACON-ABSP10 Datasheet
1Mb / 3P
1.0 x 0.5mm SMD SURGE PROTECTOR
09.15.10
logo
Transko Electronics, In...
CT22 TRANSKO-CT22 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)
Rev. 1: 10-10-19
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com