Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16878 Datasheet (PDF) - NEC

UPD16878 Datasheet PDF - NEC
Part # UPD16878
Download  UPD16878 Download
File Size   242.9 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT

UPD16878 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16878 Datasheet PDF - NEC

Part # UPD16878
Download  UPD16878 Click to download

File Size   242.9 Kbytes
Page   32 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT

UPD16878 Datasheet (HTML) - NEC


UPD16878 Product details

DESCRIPTION
The µPD16878 is a monolithic quad H bridge driver IC that employs a CMOS control circuit and a MOS FET output circuit. Because it uses MOS FETs in its output stage, this driver IC consumes less power than conventional driver ICs that use bipolar transistors.
Because the µPD16878 controls a motor by inputting serial data, its package has been shrunk and the number of pins reduced. As a result, the performance of the application set can be improved and the size of the set has been reduced.
The µPD16878 employs a current-controlled 64-step micro step driving method that drives stepper motor with low vibration.
The µPD16878 is housed in a 38-pin plastic shrink SOP to contribute to the miniaturization of the application set.
The µPD16878 can simultaneously drive two stepper motors and is ideal for the mechanisms of camcorders.

FEATURES
• Four H bridge circuits employing power MOS FETs
• Current-controlled 64-step micro step driving
• Motor control by serial data (8 bytes x 8 bits) (original oscillation: 4-MHz input)
    Data is input with the LSB first.
    EVR reference setting voltage: 100 to 250 mV (@VREF = 250 mV) ... 4-bit data input (10-mV step)
    Chopping frequency: 32 to 124 kHz ... 5-bit data input (4-kHz step)
    Original oscillation division or internal oscillation selectable
    Number of pulses in 1 VD: 0 to 126 pulses ... 6 bits + 2-bit data input (2 pulses/step)
    Step cycle: 0.25 to 8191.75 µs ... 15-bit data input (0.25- µs step)
• 3-V power supply. Minimum operating voltage: 2.7 V (MIN.)
• Low current consumption IDD: 3.0 mA (MAX.), IDD (RESET): 100 µA (MAX.), IMO(RESET): 1.0 µA (MAX.)
• 38-pin plastic shrink SOP (7.62 mm (300))




Similar Part No. - UPD16878

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16878 RENESAS-UPD16878 Datasheet
360Kb / 34P
MOS INTEGRATED CIRCUIT
2002
UPD16878GS-BGG RENESAS-UPD16878GS-BGG Datasheet
360Kb / 34P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD16878

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
MONOLITHIC QUAD H BRIDGE DRIVER
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com