Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168302 Datasheet (PDF) - NEC

UPD168302 Datasheet PDF - NEC
Part # UPD168302
Download  UPD168302 Download
File Size   86.61 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 2CH H-BRIDGE DRIVER

UPD168302 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168302 Datasheet PDF - NEC

Part # UPD168302
Download  UPD168302 Click to download

File Size   86.61 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 2CH H-BRIDGE DRIVER

UPD168302 Datasheet (HTML) - NEC


UPD168302 Product details

DESCRIPTION
The µPD168302 is monolithic dual H-bridge driver LSI which uses power MOS FETs in the output stages. By using the MOS process, this driver has substantially improved the voltage loss of the output stage and power consumption as compared with conventional driver using bipolar transistors.
As the package, a 24-pin plastic TSSOP is adopted to enable the creation of compact, slim application sets.
It is provided with forward/reverse and brake functions and is ideal as a driver for DC motor and stepping motor.

FEATURES
• 2ch H-Bridge circuit employing power MOS FETs
• Charge-pump circuit for low-voltage operation
• Low output FET on resistance: 1.0 Ω TYP. 2.0 Ω MAX. (Sum of upper and lower side)
• Output current: DC current 0.6 A/ch
                            Peak current 1.0 A/ch
• Input logic frequency: 100 kHz
• 5 V logic power supply: Minimum operating supply voltage 4.0 V
• 0.9 to 3.6 V power supply for motor drive
• Under voltage locked out circuit: shutdown internal circuit at VDD = 1.7 V TYP.
• 24-pin plastic TSSOP (5.72 mm (225), 0.5 mm pitch)




Similar Part No. - UPD168302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168302 RENESAS-UPD168302 Datasheet
222Kb / 14P
MOS INTEGRATED CIRCUIT
2003
UPD168302MA-6A5 RENESAS-UPD168302MA-6A5 Datasheet
222Kb / 14P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168302

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
MONOLITHIC H BRIDGE DRIVER
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
MONOLITHIC QUAD H BRIDGE DRIVER
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
MONOLITHIC H BRIDGE DRIVER
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
18V 2ch H-Bridge Motor Driver IC
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
32V 2ch H-Bridge Motor Driver IC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com